Electronic Components Datasheet Search
  English  ▼

X  

LM2901ID Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2901ID
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901ID Datasheet(HTML) 1 Page - Texas Instruments

  LM2901ID Datasheet HTML 1Page - Texas Instruments LM2901ID Datasheet HTML 2Page - Texas Instruments LM2901ID Datasheet HTML 3Page - Texas Instruments LM2901ID Datasheet HTML 4Page - Texas Instruments LM2901ID Datasheet HTML 5Page - Texas Instruments LM2901ID Datasheet HTML 6Page - Texas Instruments LM2901ID Datasheet HTML 7Page - Texas Instruments LM2901ID Datasheet HTML 8Page - Texas Instruments LM2901ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN-
2IN+
1IN-
1IN+
OUT3
OUT4
GND
4IN+
4IN-
3IN+
3IN-
LM139, LM139A . . . D, J, OR W PACKAGE
LM239 . . . D, N, OR PW PACKAGE
LM239A . . . D PACKAGE
LM339, LM339A . . . D, DB, N, NS, OR PW PACKAGE
LM2901 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN-
VCC
NC
2IN-
NC
2IN+
LM139, LM139A . . . FK PACKAGE
(TOP VIEW)
NC - No inter nal connection
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
QUAD DIFFERENTIAL COMPARATORS
Check for Samples: LM139, LM239, LM339, LM139A, LM239A, LM339A, LM2901, LM2901AV, LM2901V
1
FEATURES
•
Wide Supply Ranges
•
Low Input Bias Current: 25 nA (Typ)
–
Single Supply: 2 V to 36 V
•
Low Input Offset Current: 3 nA (Typ) (LM139)
(Tested to 30 V for Non-V Devices and 32 V
•
Low Input Offset Voltage: 2 mV (Typ)
for V-Suffix Devices)
•
Common-Mode Input Voltage Range Includes
–
Dual Supplies: ±1 V to ±18 V
Ground
(Tested to ±15 V for Non-V Devices and
•
Differential Input Voltage Range Equal to
±16 V for V-Suffix Devices)
Maximum-Rated Supply Voltage: ±36 V
•
Low Supply-Current Drain Independent of
•
Low Output Saturation Voltage
Supply Voltage: 0.8 mA (Typ)
•
Output Compatible With TTL, MOS, and CMOS
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other open-
collector outputs to achieve wired-AND relationships.
The LM139 and LM139A are characterized for operation over the full military temperature range of –55°C to
125°C. The LM239 and LM239A are characterized for operation from –25°C to 125°C. The LM339 and LM339A
are characterized for operation from 0°C to 70°C. The LM2901, LM2901AV, and LM2901V are characterized for
operation from –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1979–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - LM2901ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901 NSC-LM2901 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
NXP Semiconductors
LM2901 PHILIPS-LM2901 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
Intersil Corporation
LM2901 INTERSIL-LM2901 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - LM2901ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
Quad Differential Comparators
LM139A-MIL TI1-LM139A-MIL Datasheet
477Kb / 19P
Quad Differential Comparators
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com