Electronic Components Datasheet Search
  English  ▼

X  

LM2907M Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2907M
Description  LM2907/LM2917 Frequency to Voltage Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2907M Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2907M Datasheet HTML 5Page - Texas Instruments LM2907M Datasheet HTML 6Page - Texas Instruments LM2907M Datasheet HTML 7Page - Texas Instruments LM2907M Datasheet HTML 8Page - Texas Instruments LM2907M Datasheet HTML 9Page - Texas Instruments LM2907M Datasheet HTML 10Page - Texas Instruments LM2907M Datasheet HTML 11Page - Texas Instruments LM2907M Datasheet HTML 12Page - Texas Instruments LM2907M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LM2907-N, LM2917-N
www.ti.com
SNAS555C – JUNE 2000 – REVISED MARCH 2013
USING ZENER REGULATED OPTIONS (LM2917)
For those applications where an output voltage or current must be obtained independent of supply voltage
variations, the LM2917 is offered. The most important consideration in choosing a dropping resistor from the
unregulated supply to the device is that the tachometer and op amp circuitry alone require about 3 mA at the
voltage level provided by the zener. At low supply voltages there must be some current flowing in the resistor
above the 3 mA circuit current to operate the regulator. As an example, if the raw supply varies from 9V to 16V, a
resistance of 470
Ω will minimize the zener voltage variation to 160 mV. If the resistance goes under 400Ω or
over 600
Ω the zener variation quickly rises above 200 mV for the same input variation.
TYPICAL APPLICATIONS
Figure 19. Minimum Component Tachometer
Figure 20. ”Speed Switch”, Load is Energized when fIN ≥ (1 / ( 2RC))
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2907-N LM2917-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com