Electronic Components Datasheet Search
  English  ▼

X  

LM339 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM339
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339 Datasheet(HTML) 2 Page - Texas Instruments

  LM339 Datasheet HTML 1Page - Texas Instruments LM339 Datasheet HTML 2Page - Texas Instruments LM339 Datasheet HTML 3Page - Texas Instruments LM339 Datasheet HTML 4Page - Texas Instruments LM339 Datasheet HTML 5Page - Texas Instruments LM339 Datasheet HTML 6Page - Texas Instruments LM339 Datasheet HTML 7Page - Texas Instruments LM339 Datasheet HTML 8Page - Texas Instruments LM339 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
www.ti.com
Table 1. ORDERING INFORMATION(1)
VIOmax
ORDERABLE
TOP-SIDE
TA
MAX VCC
PACKAGE(2)
AT 25°C
PART NUMBER
MARKING
PDIP – N
Tube of 25
LM339N
LM339N
Tube of 50
LM339D
SOIC – D
LM339DR
LM339
Reel of 2500
LM339DRG3
5 mV
30 V
SOP – NS
Reel of 2000
LM339NSR
LM339
SSOP – DB
Reel of 2000
LM339DBR
LM339
Tube of 90
LM339PW
TSSOP – PW
L339
0°C to 70°C
Reel of 2000
LM339PWRG3
PDIP – N
Tube of 25
LM339AN
LM339AN
Tube of 50
LM339AD
SOIC – D
LM339A
Reel of 2500
LM339ADR
2 mV
30 V
SOP – NS
Reel of 2000
LM339ANSR
LM339A
SSOP – DB
Reel of 2000
LM339ADBR
L339A
Tube of 90
LM339APW
TSSOP – PW
L339A
Reel of 2000
LM339APWR
PDIP – N
Tube of 25
LM239N
LM239N
Tube of 50
LM239D
SOIC – D
LM239DR
LM239
5 mV
30 V
Reel of 2500
LM239DRG3
–25°C to 85°C
Tube of 90
LM239PW
TSSOP – PW
L239
Reel of 2000
LM239PWR
Tube of 50
LM239AD
2 mV
30 V
SOIC – D
LM239A
Reel of 2500
LM239ADR
PDIP – N
Tube of 25
LM2901N
LM2901N
Tube of 50
LM2901D
SOIC – D
LM2901DR
LM2901
Reel of 2500
7 mV
30 V
LM2901DRG3
SOP – NS
Reel of 2000
LM2901NSR
LM2901
–40°C to 125°C
Tube of 90
LM2901PW
TSSOP – PW
L2901
Reel of 2000
LM2901PWRG3
SOIC – D
Reel of 2500
LM2901VQDR
L2901V
7 mV
32 V
TSSOP – PW
Reel of 2000
LM2901VQPWR
L2901V
SOIC – D
Reel of 2500
LM2901AVQDR
L2901AV
2 mV
32 V
TSSOP – PW
Reel of 2000
LM2901AVQPWR
L2901AV
CFP – W
Tube of 25
LM139W
LM139W
CDIP – J
Tube of 25
LM139J
LM139J
5 mV
30 V
LCCC – FK
Tube of 55
LM139FK
LM139FK
Tube of 50
LM139D
SOIC – D
LM139
Reel of 2500
LM139DR
–55°C to 125°C
CFP – W
Tube of 25
LM139AW
LM139AW
CDIP – J
Tube of 25
LM139AJ
LM139AJ
2 mV
30 V
LCCC – FK
Tube of 55
LM139AFK
LM139AFK
Tube of 50
LM139AD
SOIC – D
LM139AD
Reel of 2500
LM139ADR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 1979–2012, Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com