Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2675
Description  LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2675 Datasheet(HTML) 1 Page - Texas Instruments

  LM2675 Datasheet HTML 1Page - Texas Instruments LM2675 Datasheet HTML 2Page - Texas Instruments LM2675 Datasheet HTML 3Page - Texas Instruments LM2675 Datasheet HTML 4Page - Texas Instruments LM2675 Datasheet HTML 5Page - Texas Instruments LM2675 Datasheet HTML 6Page - Texas Instruments LM2675 Datasheet HTML 7Page - Texas Instruments LM2675 Datasheet HTML 8Page - Texas Instruments LM2675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM2675
www.ti.com
SNVS129E – MAY 2004 – REVISED JUNE 2005
LM2675 SIMPLE SWITCHER® Power Converter High Efficiency 1A Step-Down Voltage
Regulator
Check for Samples: LM2675
1
FEATURES
DESCRIPTION
The LM2675 series of regulators are monolithic
234
•
Efficiency up to 96%
integrated circuits built with a LMDMOS process.
•
Available in 8-pin SOIC and PDIP Packages
These regulators provide all the active functions for a
and a 16-pin WSON Package
step-down (buck) switching regulator, capable of
•
Computer Design Software LM267X Made
driving a 1A load current with excellent line and load
regulation. These devices are available in fixed output
Simple (version 6.0)
voltages of 3.3V, 5.0V, 12V, and an adjustable output
•
Simple and Easy to Design with
version.
•
Requires Only 5 External Components
Requiring
a
minimum
number
of
external
•
Uses Readily Available Standard Inductors
components, these regulators are simple to use and
•
3.3V, 5.0V, 12V, and Adjustable Output
include patented internal frequency compensation
Versions
(Patent Nos. 5,382,918 and 5,514,947) and a fixed
frequency oscillator.
•
Adjustable Version Output Voltage Range:
1.21V to 37V
The LM2675 series operates at a switching frequency
•
±1.5% Max Output Voltage Tolerance Over
of
260
kHz,
thus
allowing
smaller
sized
filter
components than what would be needed with lower
Line and Load Conditions
frequency switching regulators. Because of its very
•
Ensured 1A Output Load Current
high efficiency (>90%), the copper traces on the
•
0.25
Ω DMOS Output Switch
printed circuit board are the only heat sinking needed.
•
Wide Input Voltage Range: 8V to 40V
A family of standard inductors for use with the
•
260 kHz Fixed Frequency Internal Oscillator
LM2675
are
available
from
several
different
manufacturers. This feature greatly simplifies the
•
TTL Shutdown Capability, Low Power Standby
design of switch-mode power supplies using these
Mode
advanced ICs. Also included in the datasheet are
•
Thermal Shutdown and Current Limit
selector guides for diodes and capacitors designed to
Protection
work in switch-mode power supplies.
Other features include a ensured ±1.5% tolerance on
TYPICAL APPLICATIONS
output voltage within specified input voltages and
•
Simple High Efficiency (>90%) Step-Down
output load conditions, and ±10% on the oscillator
(Buck) Regulator
frequency. External shutdown is included, featuring
typically 50
μA stand-by current. The output switch
•
Efficient Pre-Regulator for Linear Regulators
includes current limiting, as well as thermal shutdown
•
Positive-to-Negative Converter
for full protection under fault conditions.
To simplify the LM2675 buck regulator design
procedure, there exists computer design software,
LM267X Made Simple version 6.0.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
Windows is a registered trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
913Kb / 26P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI-LM2675 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675 TI-LM2675 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675 TI-LM2675 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-ADJ TI-LM2675M-ADJ Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-33 TI1-LM2675MX-33 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com