Electronic Components Datasheet Search
  English  ▼

X  

LM2672 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672
Description  LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2672 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2672 Datasheet HTML 9Page - Texas Instruments LM2672 Datasheet HTML 10Page - Texas Instruments LM2672 Datasheet HTML 11Page - Texas Instruments LM2672 Datasheet HTML 12Page - Texas Instruments LM2672 Datasheet HTML 13Page - Texas Instruments LM2672 Datasheet HTML 14Page - Texas Instruments LM2672 Datasheet HTML 15Page - Texas Instruments LM2672 Datasheet HTML 16Page - Texas Instruments LM2672 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM2672
www.ti.com
SNVS136K – SEPTEMBER 1998 – REVISED APRIL 2013
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
2. Output Capacitor Selection (COUT)
2. Output Capacitor Selection (COUT)
A. Select an output capacitor from the output capacitor table in
A. Use the 5.0V section in the output capacitor table in Table 3.
Table 3. Using the output voltage and the inductance value found in
Choose a capacitor value and voltage rating from the line that
the inductor selection guide, step 1, locate the appropriate capacitor
contains the inductance value of 33
μH. The capacitance and
value and voltage rating.
voltage rating values corresponding to the 33
μH
The capacitor list contains through-hole electrolytic capacitors from
Surface Mount:
four different capacitor manufacturers and surface mount tantalum
68
μF/10V
Sprague 594D Series.
capacitors from two different capacitor manufacturers. It is
100
μF/10V
AVX TPS Series.
recommended that both the manufacturers and the manufacturer's
Through Hole:
series that are listed in the table be used. A table listing the
68
μF/10V
Sanyo OS-CON SA Series.
manufacturers' phone numbers is located in Table 4.
220
μF/35V
Sanyo MV-GX Series.
220
μF/35V
Nichicon PL Series.
220
μF/35V
Panasonic HFQ Series.
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. In normal operation, the average current of the catch diode is the
A. Refer to the table shown in Table 5. In this example, a 1A, 20V
load current times the catch diode duty cycle, 1-D (D is the switch
Schottky diode will provide the best performance. If the circuit must
duty cycle, which is approximately the output voltage divided by the
withstand a continuous shorted output, a higher current Schottky
input voltage). The largest value of the catch diode average current
diode is recommended.
occurs at the maximum load current and maximum input voltage
(minimum D). For normal operation, the catch diode current rating
must be at least 1.3 times greater than its maximum average
current. However, if the power supply design must withstand a
continuous output short, the diode should have a current rating equal
to the maximum current limit of the LM2672. The most stressful
condition for this diode is a shorted output condition.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
C. Because of their fast switching speed and low forward voltage
drop, Schottky diodes provide the best performance and efficiency.
This Schottky diode must be located close to the LM2672 using
short leads and short printed circuit traces.
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
A low ESR aluminum or tantalum bypass capacitor is needed
The important parameters for the input capacitor are the input
between the input pin and ground to prevent large voltage transients
voltage rating and the RMS current rating. With a maximum input
from appearing at the input. This capacitor should be located close
voltage of 12V, an aluminum electrolytic capacitor with a voltage
to the IC using short leads. In addition, the RMS current rating of the
rating greater than 15V (1.25 × VIN) would be needed. The next
input capacitor should be selected to be at least ½ the DC load
higher capacitor voltage rating is 16V.
current. The capacitor manufacturer data sheet must be checked to
The RMS current rating requirement for the input capacitor in a buck
assure that this current rating is not exceeded. The curves shown in
regulator is approximately ½ the DC load current. In this example,
Figure 28 show typical RMS current ratings for several different
with a 1A load, a capacitor with a RMS current rating of at least 500
aluminum electrolytic capacitor values. A parallel connection of two
mA is needed. The curves shown in Figure 28 can be used to select
or more capacitors may be required to increase the total minimum
an appropriate input capacitor. From the curves, locate the 16V line
RMS current rating to suit the application requirements.
and note which capacitor values have RMS current ratings greater
For an aluminum electrolytic capacitor, the voltage rating should be
than 500 mA.
at least 1.25 times the maximum input voltage. Caution must be
For a through hole design, a 330
μF/16V electrolytic capacitor
exercised if solid tantalum capacitors are used. The tantalum
(Panasonic HFQ series, Nichicon PL, Sanyo MV-GX series or
capacitor voltage rating should be twice the maximum input voltage.
equivalent) would be adequate. Other types or other manufacturers'
The tables in Table 7 show the recommended application voltage for
capacitors can be used provided the RMS ripple current ratings are
AVX TPS and Sprague 594D tantalum capacitors. It is also
adequate. Additionally, for a complete surface mount design,
recommended that they be surge current tested by the manufacturer. electrolytic capacitors such as the Sanyo CV-C or CV-BS and the
The TPS series available from AVX, and the 593D and 594D series
Nichicon WF or UR and the NIC Components NACZ series could be
from Sprague are all surge current tested. Another approach to
considered.
minimize the surge current stresses on the input capacitor is to add
For surface mount designs, solid tantalum capacitors can be used,
a small inductor in series with the input supply line.
but caution must be exercised with regard to the capacitor surge
Use caution when using ceramic capacitors for input bypassing,
current rating and voltage rating. In this example, checking Table 7,
because it may cause severe ringing at the VIN pin.
and the Sprague 594D series datasheet, a Sprague 594D 15
μF,
25V capacitor is adequate.
5. Boost Capacitor (CB)
5. Boost Capacitor (CB)
This capacitor develops the necessary voltage to turn the switch
For this application, and all applications, use a 0.01
μF, 50V ceramic
gate on fully. All applications should use a 0.01
μF, 50V ceramic
capacitor.
capacitor.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com