Electronic Components Datasheet Search
  English  ▼

X  

LM1877 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1877
Description  LM1877 Dual Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1877 Datasheet(HTML) 1 Page - Texas Instruments

  LM1877 Datasheet HTML 1Page - Texas Instruments LM1877 Datasheet HTML 2Page - Texas Instruments LM1877 Datasheet HTML 3Page - Texas Instruments LM1877 Datasheet HTML 4Page - Texas Instruments LM1877 Datasheet HTML 5Page - Texas Instruments LM1877 Datasheet HTML 6Page - Texas Instruments LM1877 Datasheet HTML 7Page - Texas Instruments LM1877 Datasheet HTML 8Page - Texas Instruments LM1877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM1877
www.ti.com
SNAS550B – FEBRUARY 1995 – REVISED APRIL 2013
LM1877 Dual Audio Power Amplifier
Check for Samples: LM1877
1
FEATURES
DESCRIPTION
The LM1877 is a monolithic dual power amplifier
2
•
2W/Channel
designed to deliver 2W/channel continuous into 8
Ω
•
−65 dB Ripple Rejection, Output Referred
loads. The LM1877 is designed to operate with a low
•
−65 dB Channel Separation, Output Referred
number of external components, and still provide
flexibility
for
use
in
stereo
phonographs,
tape
•
Wide Supply Range, 6V–24V
recorders and AM-FM stereo receivers. Each power
•
Very Low Cross-Over Distortion
amplifier is biased from a common internal regulator
•
Low Audio Band Noise
to provide high power supply rejection, and output Q
point
centering.
The
LM1877
is
internally
•
AC Short Circuit Protected
compensated for all gains greater than 10.
•
Internal Thermal Shutdown
APPLICATIONS
•
Multi-Channel Audio Systems
•
Stereo Phonographs
•
Tape Recorders and Players
•
AM-FM Radio Receivers
•
Servo Amplifiers
•
Intercom Systems
•
Automotive Products
Connection Diagram
Figure 1. 14-Pin SOIC or PDIP (Top View)
See NPA0014B or NFF0014A Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1877

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1877 NSC-LM1877 Datasheet
257Kb / 9P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
logo
National Semiconductor ...
LM1877M-9 NSC-LM1877M-9 Datasheet
257Kb / 9P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877M-9/NOPB TI1-LM1877M-9/NOPB Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1877MX-9/NOPB TI1-LM1877MX-9/NOPB Datasheet
1Mb / 15P
Dual Audio Power Amplifier
More results

Similar Description - LM1877

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com