Electronic Components Datasheet Search
  English  ▼

X  

LM397MF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM397MF
Description  LM397 Single General Purpose Voltage Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM397MF Datasheet(HTML) 1 Page - Texas Instruments

  LM397MF Datasheet HTML 1Page - Texas Instruments LM397MF Datasheet HTML 2Page - Texas Instruments LM397MF Datasheet HTML 3Page - Texas Instruments LM397MF Datasheet HTML 4Page - Texas Instruments LM397MF Datasheet HTML 5Page - Texas Instruments LM397MF Datasheet HTML 6Page - Texas Instruments LM397MF Datasheet HTML 7Page - Texas Instruments LM397MF Datasheet HTML 8Page - Texas Instruments LM397MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R1
VO
VIN
-
+
R3
VS
RPULL-UP
R2
OUTPUT
1
2
3
5
4
VIN
-
GND
VS
VIN
+
LM397
www.ti.com
SNOS977D – MAY 2001 – REVISED MARCH 2013
LM397 Single General Purpose Voltage Comparator
Check for Samples: LM397
1
FEATURES
DESCRIPTION
The LM397 is a single voltage comparator with an
2
•
(TA = 25°C. Typical Values Unless Otherwise
input common mode that includes ground. The
Specified).
LM397 is designed to operate from a single 5V to
•
5-Pin SOT-23 Package
30V power supply or a split power supply. Its low
•
Industrial Operating Range
−40°C to +85°C
supply
current
is
virtually
independent
of
the
magnitude of the supply voltage.
•
Single or Dual Power Supplies
The LM397 features an open collector output stage.
•
Wide Supply Voltage Range 5V to 30V
This allows the connection of an external resistor at
•
Low Supply Current 300µA
the output. The output can directly interface with TTL,
•
Low Input Bias Current 7nA
CMOS and other logic levels, by tying the resistor to
•
Low Input Offset Current ±1nA
different voltage levels (level translator).
•
Low Input Offset Voltage ±2mV
The LM397 is available in space saving 5-Pin SOT-
23 package and pin compatible to TI’s TL331, single
•
Response Time 440ns (50mV Overdrive)
differential comparator.
•
Input Common Mode Voltage 0 to VS - 1.5V
APPLICATIONS
•
A/D Converters
•
Pulse, Square Wave Generators
•
Peak Detector
•
Industrial Applications
Typical Circuit
Connection Diagram
Top View
Figure 1. 5-Pin SOT-23 Package
See Package Number DBV0005A
Figure 2. Inverting Comparator with Hysteresis
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM397MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397MF NSC-LM397MF Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397MF NSC-LM397MF Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
Texas Instruments
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397MF TI1-LM397MF Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
LM397MF TI2-LM397MF Datasheet
515Kb / 19P
LM397 Single General-Purpose Voltage Comparator
REVISED MAY 2016
More results

Similar Description - LM397MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
Texas Instruments
LM397MF TI-LM397MF Datasheet
800Kb / 14P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com