Electronic Components Datasheet Search
  English  ▼

X  

LM397MF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM397MF
Description  LM397 Single General Purpose Voltage Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM397MF Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM397MF Datasheet HTML 2Page - Texas Instruments LM397MF Datasheet HTML 3Page - Texas Instruments LM397MF Datasheet HTML 4Page - Texas Instruments LM397MF Datasheet HTML 5Page - Texas Instruments LM397MF Datasheet HTML 6Page - Texas Instruments LM397MF Datasheet HTML 7Page - Texas Instruments LM397MF Datasheet HTML 8Page - Texas Instruments LM397MF Datasheet HTML 9Page - Texas Instruments LM397MF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
1
10
100
OUTPUT SINK CURRENT (mA)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
85°C
25°C
-40°C
VO
0
VIN
VT2
VT1
VO
VIN
-
+
R3
VCC
RPULL-UP
VT
R1
R
2
LM397
SNOS977D – MAY 2001 – REVISED MARCH 2013
www.ti.com
Figure 10. Inverting Configured Comparator - LM397
Input Stage
The LM397 has a bipolar input stage. The input common mode voltage range is from 0 to (VS – 1.5V).
Output Stage
The LM397 has an open collector grounded-emitter NPN output transistor for the output stage. This requires an
external pull-up resistor connected between the positive supply voltage and the output. The external pull-up
resistor should be high enough resistance so to avoid excessive power dissipation. In addition, the pull-up
resistor should be low enough resistance to enable the comparator to switch with the load circuitry connected.
Because it is an open collector output stage, several comparator outputs can be connected together to create an
OR’ing function output. With an open collector, the output can be used as a simple SPST switch to ground.The
amount of current which the output can sink is approximately 10mA. When the maximum current limit is reached,
the output transistor will saturate and the output will rise rapidly (Figure 11).
Figure 11. Output Saturation Voltage vs. Output Sink Current
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com