Electronic Components Datasheet Search
  English  ▼

X  

LM92CIM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM92CIM
Description  0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM92CIM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM92CIM Datasheet HTML 7Page - Texas Instruments LM92CIM Datasheet HTML 8Page - Texas Instruments LM92CIM Datasheet HTML 9Page - Texas Instruments LM92CIM Datasheet HTML 10Page - Texas Instruments LM92CIM Datasheet HTML 11Page - Texas Instruments LM92CIM Datasheet HTML 12Page - Texas Instruments LM92CIM Datasheet HTML 13Page - Texas Instruments LM92CIM Datasheet HTML 14Page - Texas Instruments LM92CIM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM92
www.ti.com
SNIS110D – MARCH 2000 – REVISED MARCH 2013
Table 2. Temperature Data Output (continued)
Temperature
Digital Output
Binary
Hex
+0.0625 °C
0 0000 0000 0001
00 01h
0 °C
00 0000 0000
00 00h
−0.0625 °C
1 1111 1111 1111
1F FFh
−25 °C
1 1110 0111 0000
1E 70h
−55 °C
1 1100 1001 0000
1C 90h
SHUTDOWN MODE
Shutdown mode is enabled by setting the shutdown bit in the Configuration register via the Serial Bus. Shutdown
mode reduces power supply current to 5 µA typical. T_CRIT_A is reset if previously set. Since conversions are
stopped during shutdown, T_CRIT_A and INT will not be operational. The Serial Bus interface remains active.
Activity on the clock and data lines of the Serial Bus may slightly increase shutdown mode quiescent current.
Registers can be read from and written to in shutdown mode. The LM92 takes milliseconds to respond to the
shutdown command.
INT AND T_CRIT_A OUTPUT
The INT and T_CRIT_A outputs are open-drain outputs and do not have internal pull-ups. A "high" level will not
be observed on these pins until pull-up current is provided from some external source, typically a pull-up resistor.
Choice of resistor value depends on many system factors but, in general, the pull-up resistor should be as large
as possible. This will minimize any errors due to internal heating of the LM92. The maximum resistance of the
pull up, based on LM92 specification for High Level Output Current, to provide a 2 volt high level, is 30K ohms.
FAULT QUEUE
A fault queue of 4 faults is provided to prevent false tripping when the LM92 is used in noisy environments. The 4
faults must occur consecutively to set flags as well as INT and T_CRIT_A outputs. The fault queue is enabled by
setting bit 4 of the Configuration Register high (see CONFIGURATION REGISTER ).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com