| Electronic Components Datasheet Search |
|
MPC507APG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MPC507APG4 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 19 page ![]() MPC506A, MPC507A 11 SBFS018A www.ti.com Direct Multiplexer Output Buffered OPA602 1/4 OPA404 MPC506A Out Out In 1 In 2 In 3 In 16 A 0 A1 A2 A3 18 28 A 0 A1 A2 A3 MPC506A 18 28 18 28 8-Bit Channel Address Generator A 0 A1 A2 A3 In 1 In 2 In 3 In 16 In 1 In 16 MPC506A En En Out En +V +V +V 4LSBs 4MSBs Settling Time to 0.01% is 20µs with R S = 100Ω Differential Multiplexer (MPC507A) Single or multitiered configurations can be used to expand multiplexer channel capacity up to 64 channels using a 64 x 1 or an 8 x 8 configuration. Single-Node Expansion The 64 x 1 configuration is simply eight (MPC507A) units tied to a single node. Programming is accomplished with a 6-bit counter, using the 3LSBs of the counter to control Channel Address inputs A0, A1, A2 and the 3MSBs of the counter to drive a 1-of-8 decoder. The 1-of-8 decoder then is used to drive the ENABLE inputs (pin 18) of the MPC507A multiplexers. Two-Tier Expansion Using an 8 x 8 two-tier structure for expansion to 64 channels, the programming is simplified. The 6-bit counter output does not require a 1-of-8 decoder. The 3LSBs of the counter drive the A0, A1 and A2 inputs of the eight first-tier multiplexers and the 3MSBs of the counter are applied to the A0, A1, and A2 inputs of the second-tier multiplexer. Single vs Multitiered Channel Expansion In addition to reducing programming complexity, two-tier configuration offers the added advantages over single-node expansion of reduced OFF channel current leakage (reduced OFFSET), better CMR, and a more reliable configuration if a channel should fail ON in the single-node configuration, data cannot be taken from any channel, whereas only one channel group is failed (8 or 16) in the multitiered configu- ration. INSTALLATION AND OPERATING INSTRUCTIONS The ENABLE input, pin 18, is included for expansion of the number of channels on a single node as illustrated in Figure 5. With ENABLE line at a logic 1, the channel is selected by the 3-bit (MPC507A or 4-bit MPC506A) Chan- nel Select Address (shown in the Truth Tables). If ENABLE is at logic 0, all channels are turned OFF, even if the Channel Address Lines are active. If the ENABLE line is not to be used, simply tie it to +V supply. If the +15V and/or –15V supply voltage is absent or shorted to ground, the MPC507A and MPC506A multiplexers will not be damaged; however, some signal feedthrough to the output will occur. Total package power dissipation must not be exceeded. For best settling speed, the input wiring and interconnec- tions between multiplexer output and driven devices should be kept as short as possible. When driving the digital inputs from TTL, open collector output with pull up resistors are recommended (see Typical Performance Curves, Access Time). To preserve common-mode rejection of the MPC507A, use twisted-shielded pair wire for signal lines and inter-tier connections and/or multiplexer output lines. This will help common-mode capacitance balance and reduce stray signal pickup. If shields are used, all shields should be connected as close as possible to system analog common or to the common-mode guard driver. CHANNEL EXPANSION Single-Ended Multiplexer (MPC506A) Up to 64 channels (four multiplexers) can be connected to a single node, or up to 256 channels using 17 MPC506A multiplexers on a two-tiered structure as shown in Figures 5 and 6. MPC506A Group 4 49-64 Out Group 1 Group 4 Out Enable Enable 20 21 22 23 24 25 Settling time to 0.01% for R S 100Ω —Two MPC506A units in parallel 10µs —Four MPC507A units in parallel 12µs Direct Multiplexer Output Buffered OPA602 1/4 OPA404 6-Bit Binary Counter To Group 2 To Group 3 In 1 In 2 In 3 In 16 A 3 A2 A1 A0 18 28 A 3 A2 A1 A0 MPC 506A Group 1 Ch1-16 18 28 FIGURE 5. 64-Channel, Single-Tier Expansion. FIGURE 6. Channel Expansion up to 256 Channels Using 16x16 Two-Tiered Expansion |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |