Electronic Components Datasheet Search
  English  ▼

X  

OPA129UB Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA129UB
Description  Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129UB Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA129UB Datasheet HTML 3Page - Texas Instruments OPA129UB Datasheet HTML 4Page - Texas Instruments OPA129UB Datasheet HTML 5Page - Texas Instruments OPA129UB Datasheet HTML 6Page - Texas Instruments OPA129UB Datasheet HTML 7Page - Texas Instruments OPA129UB Datasheet HTML 8Page - Texas Instruments OPA129UB Datasheet HTML 9Page - Texas Instruments OPA129UB Datasheet HTML 10Page - Texas Instruments OPA129UB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
OPA129
7
SBOS026A
www.ti.com
CIRCUIT BOARD LAYOUT
The OPA129 uses a new pinout for ultra low input bias
current. Pin 1 and pin 4 have no internal connection. This
allows ample circuit board space for a guard ring surround-
ing the op amp input pins—even with the tiny SO-8 surface-
mount package. Figure 3 shows suggested circuit board
layouts. The guard ring should be connected to pin 8 (sub-
strate) as shown. It should be driven by a circuit node equal
in potential to the input terminals of the op amp—see Figure
2 for common circuit configurations.
TESTING
Accurately testing the OPA129 is extremely difficult due to
its high performance. Ordinary test equipment may not be
able to resolve the amplifier’s extremely low bias current.
Inaccurate bias current measurements can be due to:
1. Test socket leakage.
2. Unclean package.
3. Humidity or dew point condensations.
4. Circuit contamination from fingerprints or anti-static
treatment chemicals.
5. Test ambient temperature.
6. Load power dissipation.
7. Mechanical stress.
8. Electrostatic and electromagnetic interference.
18
5
4
18
5
4
(A) DIP package
(B) SOIC package
V–
V
0
V+
V–
V
0
V+
Connect to proper circuit
node, depending on circuit
configuration (see Figure 2).
Connect to proper circuit
node, depending on circuit
configuration (see Figure 2).
FIGURE 7. Sensitive Photodiode Amplifier.
2
3
6
8
OPA129
Output
Pin photodiode
HP 5082-4204
5
7
+15V
–15V
0.1
µF
5 x 10
9V/W
0.1
µF
10
10
Ω
~1pF to prevent gain peaking
Guard
Circuit must be well shielded.
Out
In
2
3
6
8
(C) Inverting
Out
In
2
3
6
8
(A) Non-Inverting
Out
In
2
3
6
8
(B) Buffer
Guard top and bottom of board.
FIGURE 2. Connection of Input Guard.
FIGURE 3. Suggested Board Layout for Input Guard.
FIGURE 5. High Impedance (1015
Ω) Amplifier.
FIGURE 6. Piezoelectric Transducer Charge Amplifier.
1VDC
Output
2
3
6
8
Guard
500
Ω
9.5k
Ω
OPA129
pH Probe
R
S ≈ 500MΩ
50mV Out
7
5
V–
V+
FIGURE 4. Current-to-Voltage Converter.
2
3
6
7
5
8
OPA129
1000M
Ω
R
F
Output
V
O = –IIN • RF
V
O = –10V/nA
18k
Ω
2k
Ω
Current
Input
I
IN
V–
V+
V
OUT
2
3
6
8
C
F
OPA129
Low frequency cutoff =
1/(2
πR
FCF) = 0.16Hz
10pF
1011
Ω
Output
V
OUT = –∆Q/CF
∆Q
R
F
7
5
V–
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com