Electronic Components Datasheet Search
  English  ▼

X  

OPA445ADDA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445ADDA
Description  SBOS156B High Voltage FET-Input
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445ADDA Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA445ADDA Datasheet HTML 7Page - Texas Instruments OPA445ADDA Datasheet HTML 8Page - Texas Instruments OPA445ADDA Datasheet HTML 9Page - Texas Instruments OPA445ADDA Datasheet HTML 10Page - Texas Instruments OPA445ADDA Datasheet HTML 11Page - Texas Instruments OPA445ADDA Datasheet HTML 12Page - Texas Instruments OPA445ADDA Datasheet HTML 13Page - Texas Instruments OPA445ADDA Datasheet HTML 14Page - Texas Instruments OPA445ADDA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
11
110
|V
S| − |VO|(V)
100
100
10
1
0.1
T
A =25_ C
T
A =85_ C
T
A = 120_ C
T
A +[(|VS| − |VO|) IO ×θJA] ≤ TJ (max)
θ
JA =52_ C/W
T
J (max) = 125_ C
1in x 0.5in, 1oz Cu
Figure 10. SO-8 PowerPAD Safe Operating Area
(with heat-spreader, no airflow)
0
0.5
1.0
1.5
2.5
3.0
Air−Flow (meters/sec)
2.0
120
100
80
60
40
20
0
With Heat−Spreader, 1in x 0.5in, 1oz Cu
No Heat−Spreader
Figure 11. SO-8 PowerPAD Thermal Resistance
(with and without heat-spreader)
0
0.5
1.0
1.5
2.0
2.5
3.0
Copper Area (inches2)
100
90
80
70
60
50
40
30
No Airflow
Figure 12. Thermal Resistance vs Circuit Board
Copper Area
POWER DISSIPATION
Power dissipation depends on power supply, signal, and
load conditions. For dc signals, power dissipation is equal
to the product of the output current times the voltage
across the conducting output transistor, PD = IL (VS − VO).
Power dissipation can be minimized by using the lowest
possible power-supply voltage necessary to assure the
required output voltage swing.
For resistive loads, the maximum power dissipation occurs
at a dc output voltage of one-half the power supply voltage.
Dissipation with ac signals is lower. Application Bulletin
SBOA022
explains
how
to
calculate
or
measure
dissipation with unusual loads or signals.
The OPA445 can supply output currents of 15mA and
larger. This would present no problem for a standard op
amp operating from
±15V supplies. With high supply
voltages, however, internal power dissipation of the op
amp can be quite large. Operation from a single power
supply (or unbalanced power supplies) can produce even
larger power dissipation since a large voltage is impressed
across the conducting output transistor. Applications with
large power dissipation may require a heat-sink.
HEAT SINKING
Power dissipated in the OPA445 will cause the junction
temperature to rise. For reliable operation junction
temperature should be limited to 125
°C, maximum (150°C
for TO-99 package). Some applications will require a
heat-sink to assure that the maximum operating junction
temperature is not exceeded. In addition, the junction
temperature should be kept as low as possible for
increased
reliability.
Junction
temperature
can
be
determined according to the following equation:
T
J
+ T
A
) P
D
q
JA
Package thermal resistance,
qJA, is affected by mounting
techniques and environments. Poor air circulation and use
of sockets can significantly increase thermal resistance.
Best thermal performance is achieved by soldering the op
amp into a circuit board with wide printed circuit traces to
allow greater conduction through the op amp leads.
Simple clip-on heat sinks (such as a Thermalloy 2257) can
reduce the thermal resistance of the TO-99 metal package
by as much as 50
°C/W. The SO-8 PowerPAD package will
provide lower thermal resistance, especially with a simple
heat-spreader—even
lower
with
a
heat-sink.
For
additional information on determining heat-sink require-
ments, consult Application Bulletin SBOA021.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com