Electronic Components Datasheet Search
  English  ▼

X  

OPA683ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA683ID
Description  Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA683ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA683ID Datasheet HTML 3Page - Texas Instruments OPA683ID Datasheet HTML 4Page - Texas Instruments OPA683ID Datasheet HTML 5Page - Texas Instruments OPA683ID Datasheet HTML 6Page - Texas Instruments OPA683ID Datasheet HTML 7Page - Texas Instruments OPA683ID Datasheet HTML 8Page - Texas Instruments OPA683ID Datasheet HTML 9Page - Texas Instruments OPA683ID Datasheet HTML 10Page - Texas Instruments OPA683ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
OPA683
7
SBOS221E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, RF = 1.2kΩ, RL = 1kΩ, and G = +2 (see Figure 1 for AC performance only), unless otherwise noted.
100
10
1
Frequency (Hz)
102
107
103
104
105
106
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Noninverting Current Noise
5.2pA/
√Hz
Voltage Noise
4.4nV/
√Hz
Inverting Current Noise
11.6pA/
√Hz
160
140
120
100
80
60
40
20
0
C
LOAD (pF)
1
100
10
R
S vs CLOAD
0.5dB Peaking
2-TONE, 3RD-ORDER
INTERMODULATION DISTORTION
V
PP at 1kΩ Load (each tone)
–45
–55
–65
–75
–85
1MHz
20MHz
0.1
0.4
1
2
5MHz
10MHz
+5V
–5V
50
Ω
1k
Ω
P
I
P
O
1.2k
Ω
1.2k
Ω
OPA683
6
5
4
3
2
1
0
Time (ms)
0
100
10
20
40
30
80
70
90
60
50
DISABLE TIME
V
DIS
V
OUT
V
IN = 1VDC
See Figure 1
–40
–50
–60
–70
–80
–90
–100
Frequency (MHz)
0.1
100
110
DISABLED FEEDTHRU
G = +2
V
DIS = 0V
See Figure 1
9
6
3
0
–3
–6
Frequency (MHz)
1
200
10
100
SMALL-SIGNAL BANDWIDTH vs C
LOAD
10pF
100pF
47pF
22pF
RS
VO
+5V
–5V
50
Ω
CL
V
I
1.2k
Ω
1.2k
Ω
1k
Ω
OPA683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com