Electronic Components Datasheet Search
  English  ▼

X  

DS26LS32C Datasheet(PDF) 1 Page - Texas Instruments

Part # DS26LS32C
Description  DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS32C Datasheet(HTML) 1 Page - Texas Instruments

  DS26LS32C Datasheet HTML 1Page - Texas Instruments DS26LS32C Datasheet HTML 2Page - Texas Instruments DS26LS32C Datasheet HTML 3Page - Texas Instruments DS26LS32C Datasheet HTML 4Page - Texas Instruments DS26LS32C Datasheet HTML 5Page - Texas Instruments DS26LS32C Datasheet HTML 6Page - Texas Instruments DS26LS32C Datasheet HTML 7Page - Texas Instruments DS26LS32C Datasheet HTML 8Page - Texas Instruments DS26LS32C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
www.ti.com
SNLS352C – MAY 1999 – REVISED FEBRUARY 2013
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
Check for Samples: DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
1
FEATURES
DESCRIPTION
The DS26LS32 and DS26LS32A are quad differential
2
•
High Differential or Common-Mode Input
line receivers designed to meet the RS-422, RS-423
Voltage Ranges of ±7V on the DS26LS32 and
and Federal Standards 1020 and 1030 for balanced
DS26LS32A and ±15V on the DS26LS33
and unbalanced digital data transmission.
•
±0.2V Sensitivity Over the Input Voltage Range
The DS26LS32 and DS26LS32A have an input
on the DS26LS32 and DS26LS32A, ±0.5V
sensitivity of 200 mV over the input voltage range of
Sensitivity on the DS26LS33
±7V and the DS26LS33 has an input sensitivity of
•
DS26LS32 and DS26LS32A Meet All
500 mV over the input voltage range of ±15V.
Requirements of RS-422 and RS-423
The DS26LS32A differs in function from the popular
•
6k Minimum Input Impedance
DS26LS32 and DS26LS33 in that input pull-up and
•
100 mV Input Hysteresis on the DS26LS32 and
pull-down resistors are included which prevent output
DS26LS32A, 200 mV on the DS26LS33
oscillation on unused channels.
•
Operation From a Single 5V Supply
Each version provides an enable and disable function
common to all four receivers and features TRI-STATE
•
TRI-STATE Outputs, with Choice of
outputs with 8 mA sink capability. Constructed using
Complementary Output Enables for Receiving
low power Schottky processing, these devices are
Directly onto a Data Bus
available over the full military and commercial
operating temperature ranges.
Logic Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS26LS32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32C TI1-DS26LS32C Datasheet
861Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
logo
National Semiconductor ...
DS26LS32CM NSC-DS26LS32CM Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS26LS32CM NSC-DS26LS32CM Datasheet
140Kb / 6P
Quad Differential Line Receivers
More results

Similar Description - DS26LS32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32CN TI1-AM26LS32CN Datasheet
861Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26LS32AC TI1-DS26LS32AC_16 Datasheet
861Kb / 13P
DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com