Electronic Components Datasheet Search
  English  ▼

X  

PCM2912PJT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912PJT
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912PJT Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2912PJT Datasheet HTML 17Page - Texas Instruments PCM2912PJT Datasheet HTML 18Page - Texas Instruments PCM2912PJT Datasheet HTML 19Page - Texas Instruments PCM2912PJT Datasheet HTML 20Page - Texas Instruments PCM2912PJT Datasheet HTML 21Page - Texas Instruments PCM2912PJT Datasheet HTML 22Page - Texas Instruments PCM2912PJT Datasheet HTML 23Page - Texas Instruments PCM2912PJT Datasheet HTML 24Page - Texas Instruments PCM2912PJT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
Endpoints
Internal Regulator
Clock and Reset
DAC
ADC
Microphone Bias
PCM2912
SLES216 – FEBRUARY 2008
The PCM2912 has three endpoints as follows.
• Control endpoint (EP #0)
• Isochronous-out audio data stream endpoint (EP #1)
• Isochronous-in audio data stream endpoint (EP #2)
The control endpoint is a default endpoint. The control endpoint is used to control all functions of the PCM2912
by the standard USB request and USB audio-class-specific request from the host. Isochronous-out audio data
stream endpoint is an audio sink endpoint, which receives the PCM audio data. The isochronous-out audio data
stream endpoint accepts the adaptive transfer mode. Isochronous-in audio data stream endpoint is an audio
source endpoint, which transmits the PCM audio data. The isochronous-in audio data stream endpoint uses
synchronous transfer mode.
All required power sources are generated by five internal regulators.
Each regulator generates 3.3 V (typical, without load) from VBUS (pin 2). Each regulator has an output pin and
ground return pin as follows, and this pair must be decoupled with an appropriate capacitor. Note that this
capacitance affects inrush-current limitation. One band-gap reference circuit supplies reference voltage for all
regulators. BGND (pin 1) is provided for reference ground of the band-gap reference.
SUPPLIED CIRCUIT
OUTPUT
RETURN
Digital
VDD (pin 5)
DGND (pin 6)
Analog
VCCA (pin 15)
AGND (pin 13)
Headphone (L-ch)
VCCL (pin 19)
HGND (pin 20)
Headphone (R-ch)
VCCR (pin 21)
HGND (pin 20)
PLL
VCCP (pin 26)
PGND (pin 25)
The PCM2912 requires a 6-MHz (±500 ppm) clock for USB function and audio function, which can be generated
by a built-in crystal oscillator with a 6-MHz crystal resonator. The 6-MHz crystal resonator must be connected to
XTI (pin 8) and XTO (pin 7) with one high (1-M
Ω) resistor and two small capacitors, whose capacitance depends
on the load capacitance of the crystal resonator. An external clock can be supplied from XTI; if an external clock
is supplied, XTO must be left open. Because there is no clock disabling signal, using the external clock supply is
not recommended. SSPND (pin 29) is unable to use clock disabling.
The PCM2912 has an internal power-on-reset circuit, which works automatically when VBUS (pin 2) exceeds 2.5
V, typical (2.2 V–2.7 V), and approximately 700
µs is required until the internal reset is released.
The PCM2912 has the stereo delta-sigma DAC which uses a 64-fS oversampling technique with 8-fS
oversampling digital filter. DAC outputs are provided through the headphone amplifier, VOUTL (pin 18), and VOUTR
(pin 22) can provides 13 mW at 32
Ω and 0.6 VCCL/VCCR Vp-p at 10-kΩ load.
The PCM2912 has the mono delta-sigma ADC which uses a 64-fS oversampling technique with 1/64-fS
decimation digital filter. Microphone input, VIN (pin 16), is fed to ADC through +20-dB microphone amplifier and
PGA which has +30 dB to –12 dB in 1-dB steps.
The PCM2912 has the microphone bias generator, which provides low-noise, 0.75-VCCA, 2-mA source current
output with appropriate output impedance for electret-microphone driving. This output, MBIAS (pin 17) should be
bypassed to AGND (pin 13) through an appropriate capacitor for reducing output noise level.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM2912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com