Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA128
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA128 Datasheet HTML 3Page - Texas Instruments INA128 Datasheet HTML 4Page - Texas Instruments INA128 Datasheet HTML 5Page - Texas Instruments INA128 Datasheet HTML 6Page - Texas Instruments INA128 Datasheet HTML 7Page - Texas Instruments INA128 Datasheet HTML 8Page - Texas Instruments INA128 Datasheet HTML 9Page - Texas Instruments INA128 Datasheet HTML 10Page - Texas Instruments INA128 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
INA128
INA129
SBOS051B − OCTOBER 1995 − REVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15V, unless otherwise noted.
(V−)+1.2
(V−)
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
(V+)
01
23
4
Output Current (mA)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
(V−)+1.2
(V−)
(V+)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
OUTPUT VOLTAGE SWING
vs POWER SUPPLY VOLTAGE
0
5
10
15
20
Power Supply Voltage (V)
R
L =10kΩ
−40
°C
+85
°C
+25
°C
−40
°C
+85
°C
−40
°C
+25
°C
+85
°C
SHORT−CIRCUIT OUTPUT CURRENT
vs TEMPERATURE
18
16
14
12
10
8
6
4
2
0
0
25
50
75
100
125
−25
−50
−75
Temperature (
°C)
−ISC
+ISC
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
30
25
20
15
10
5
0
1k
10k
100k
1M
G= 1
G = 10, 100
G = 1000
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
100
1k
10k
1
0.1
0.01
0.001
100k
V
O =1Vrms
G= 1
R
L =10kΩ
G= 10V/V
R
L = 100kΩ
G = 100, R
L =100kΩ
G= 1, R
L =100kΩ
500kHz Measurement
Bandwidth
Dashed Portion
is noise limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com