Electronic Components Datasheet Search
  English  ▼

X  

INA132P Datasheet(PDF) 5 Page - Texas Instruments

Part # INA132P
Description  Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA132P Datasheet(HTML) 5 Page - Texas Instruments

  INA132P Datasheet HTML 1Page - Texas Instruments INA132P Datasheet HTML 2Page - Texas Instruments INA132P Datasheet HTML 3Page - Texas Instruments INA132P Datasheet HTML 4Page - Texas Instruments INA132P Datasheet HTML 5Page - Texas Instruments INA132P Datasheet HTML 6Page - Texas Instruments INA132P Datasheet HTML 7Page - Texas Instruments INA132P Datasheet HTML 8Page - Texas Instruments INA132P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
INA132
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
CL = 200pF
10
µs/div
SMALL-SIGNAL STEP RESPONSE
CL = 1000pF
LARGE-SIGNAL STEP RESPONSE
100
µs/div
10
µs/div
500ms/div
0.1 to 10Hz PEAK-TO-PEAK
VOLTAGE NOISE
SETTLING TIME vs LOAD CAPACITANCE
Load Capacitance
100pF
1000pF
10,000pF
100
96
92
88
84
80
0.1%
0.01%
10V Step
INPUT COMMON-MODE VOLTAGE RANGE vs
OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
–5
0
5
10
15
40
30
20
10
0
–10
–20
–30
–40
V
S = ±15V
V
S = ±5V
V
S = +5V
V
REF = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com