Electronic Components Datasheet Search
  English  ▼

X  

SN5417 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN5417
Description  HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN5417 Datasheet(HTML) 2 Page - Texas Instruments

  SN5417 Datasheet HTML 1Page - Texas Instruments SN5417 Datasheet HTML 2Page - Texas Instruments SN5417 Datasheet HTML 3Page - Texas Instruments SN5417 Datasheet HTML 4Page - Texas Instruments SN5417 Datasheet HTML 5Page - Texas Instruments SN5417 Datasheet HTML 6Page - Texas Instruments SN5417 Datasheet HTML 7Page - Texas Instruments SN5417 Datasheet HTML 8Page - Texas Instruments SN5417 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
These circuits are completely compatible with most TTL families. Inputs are diode clamped to minimize
transmission-line effects, which simplifies design. Typical power dissipation is 145 mW, and average
propagation delay time is 14 ns.
logic diagram, each buffer/driver (positive logic)
AY
schematic
Resistor values shown are nominal.
6 k
Ω
Input A
Output Y
GND
VCC
3.4 k
Ω
1.6 k
Ω
100
Ω
1 k
Ω
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (see Notes 1 and 2): SN5407, SN7407
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN5417, SN7417
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. This is the maximum voltage that should be applied to any output when it is in the off state.
3. The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com