Electronic Components Datasheet Search
  English  ▼

X  

TAS5704PAPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5704PAPRG4 Datasheet HTML 3Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 4Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 5Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 6Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 7Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 8Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 9Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 10Page - Texas Instruments TAS5704PAPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TAS5704
www.ti.com
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
PIN FUNCTIONS (continued)
PIN
5-V
TERMINATION
TYPE
DESCRIPTION
TOLERANT
(2)
NAME
NO.
(1)
RESET
16
DI
5-V
Pullup
Reset, active-low. A system reset is generated by applying a logic low
to this terminal. RESET is an asynchronous control signal that sets
the VALID outputs low, and places the PWM in the hard-mute state
(stops switching). Gain is immediately set to full attenuation. Upon the
release of RESET, if PDN is high, the system performs a 4- to 5-ms
device initialization and sets the gain, output configuration, and format
to the settings determined by the hardware pins.
SCLK
23
DI
5-V
Serial audio data clock (shift clock). SCLK is the serial audio port input
data bit clock.
SDIN1
25
DI
5-V
Serial audio data-1 input is one of the serial data input ports. SDIN1
supports three discrete (stereo) data formats.
SDIN2
24
DI
5-V
Serial audio data-2 input is one of the serial data input ports. SDIN2
supports three discrete (stereo) data formats.
SUB_PWM–
39
DO
Subwoofer negative PWM output
SUB_PWM+
40
DO
Subwoofer positive PWM output
VALID
38
DO
Output indicating validity of all PWM channels, active high. Connect
this pin to an external power stage or leave floating.
VCLAMP_AB
60
P
Internally generated voltage supply for channels A and B gate drive.
Not to be used as a supply or connected to any component other than
the decoupling capacitor
VCLAMP_CD
54
P
Internally generated voltage supply for channels C and D gate drive.
Not to be used as a supply or connected to any component other than
the decoupling capacitor
VR_ANA
14
P
Internally regulated 1.8-V analog supply voltage. This terminal must
not be used to power external devices.
VR_DIG
27
P
Internally regulated 1.8-V digital supply voltage. This terminal must not
be used to power external devices.
VREG_EN
18
DI
Pulldown
Voltage regulator enable. Connect directly to GND.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVCC_X
-0.3 to 30
V
3.3-V digital input
–0.5 to DVDD + 0.5
V
Input voltage
5-V tolerant(2) digital input
–0.5 to 6
V
Input clamp current, IIK (VI < 0 or VI > 1.8 V
±20
mA
Output clamp current, IOK (VO < 0 or VO > 1.8 V
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, and SDIN2.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com