Electronic Components Datasheet Search
  English  ▼

X  

TCM29C13 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM29C13
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM29C13 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM29C13 Datasheet HTML 3Page - Texas Instruments TCM29C13 Datasheet HTML 4Page - Texas Instruments TCM29C13 Datasheet HTML 5Page - Texas Instruments TCM29C13 Datasheet HTML 6Page - Texas Instruments TCM29C13 Datasheet HTML 7Page - Texas Instruments TCM29C13 Datasheet HTML 8Page - Texas Instruments TCM29C13 Datasheet HTML 9Page - Texas Instruments TCM29C13 Datasheet HTML 10Page - Texas Instruments TCM29C13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
gain and dynamic range, VCC = 5 V, VBB = 5 V, TA = 25°C (unless otherwise noted)
(see Notes 4, 5, and 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Encoder milliwatt response (transmit gain tolerance)
Signal input = 1.064 Vrms for
µ-law,
±004 ±002
dBm0
Encoder milliwatt response (transmit gain tolerance)
g
µ
,
Signal input = 1.068 Vrms for A-law
±0.04 ±0.02
dBm0
Encoder milliwatt response additional tolerance
(nominal supplies and temperature)
TA = 0°C to 70°C, Supplies = ± 5%
± 0.08
dB
Digital milliwatt response (receive tolerance gain)
relative to zero-transmission-level point
Signal input per CCITT G.711,
Output signal = 1 kHz
±0.04 ±0.02
dBm0
Digital milliwatt response variation with temperature
and supplies
TA = 0°C to 70°C, Supplies = ± 5%
± 0.08
dB
µ-law
RL = 600 Ω
2.76
Zero-transmission-level point, transmit channel
A-law
RL = 600 Ω
2.79
dBm
,
(0 dBm0)
µ-law
RL = 900 Ω
1
dBm
A-law
RL = 900 Ω
1.03
µ-law
RL = 600 Ω
5.76
Zero-transmission-level point, receive channel
A-law
RL = 600 Ω
5.79
dBm
(0 dBm0)
µ-law
RL = 900 Ω
4
dBm
A-law
RL = 900 Ω
4.03
NOTES: 4. Unless otherwise noted, the analog input is a 0-dBm0, 1020-Hz sine wave, where 0 dBm0 is defined as the zero-reference point of
the channel under test. This corresponds to an analog signal input of 1.064 Vrms or an output of 1.503 Vrms.
5. The input amplifier is set for noninverting unity gain. The digital input is a PCM bit stream generated by passing a 0-dBm0, 1020-Hz
sine wave through an ideal encoder.
6. Receive output is measured single ended in the maximum gain configuration. To set the output amplifier for maximum gain, GSR is
connected to PWRO – and the output is taken at PWRO+. All output levels are (sin x)/x corrected.
gain tracking over recommended ranges of supply voltage and operating free-air temperature,
reference level = –10 dBm0
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
3
≥ input level ≥ –40 dBm0
±0.25
Transmit gain-tracking error, sinusoidal input
– 40 > input level
≥ –50 dBm0
±0.5
dB
– 50 > input level
≥ –55 dBm0
±1.2
3
≥ input level ≥ –40 dBm0
±0.25
Receive gain-tracking error, sinusoidal input
– 40 > input level
≥ –50 dBm0
±0.5
dB
– 50 > input level
≥ –55 dBm0
±1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com