Electronic Components Datasheet Search
  English  ▼

X  

TL070CP Datasheet(PDF) 7 Page - Texas Instruments

Part # TL070CP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL070CP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL070CP Datasheet HTML 3Page - Texas Instruments TL070CP Datasheet HTML 4Page - Texas Instruments TL070CP Datasheet HTML 5Page - Texas Instruments TL070CP Datasheet HTML 6Page - Texas Instruments TL070CP Datasheet HTML 7Page - Texas Instruments TL070CP Datasheet HTML 8Page - Texas Instruments TL070CP Datasheet HTML 9Page - Texas Instruments TL070CP Datasheet HTML 10Page - Texas Instruments TL070CP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
10
1
0.1
0.01
100
VCC
± = ±15 V
–75
–50
–25
0
25
50
75
100
125
Figure 6
±15
±12.5
±10
±7.5
±5
±2.5
0
f – Frequency – Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC
± = ±10 V
VCC
± = ±15 V
VCC
± = ±5 V
RL = 2 kΩ
TA = 25°C
See Figure 2
100
1 k
10 k
100 k
1 M
10 M
Figure 7
f – Frequency – Hz
0
±2.5
±5
±7.5
±10
±12.5
±15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC
± = ±10 V
VCC
± = ±15 V
VCC
± = ±5 V
RL = 2 kΩ
TA = 25°C
See Figure 2
100
1 k
10 k
100 k
1 M
10 M
Figure 8
0
±2.5
±5
±7.5
±10
±12.5
±15
f – Frequency – Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
TA = 125°C
TA = 25°C
10 k
400 k 1 M
10 M
40 k
100 k
4 M
TA = –55°C
VCC
± = ±15 V
RL = 2 kΩ
See Figure 2
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. An 18-pF
compensation capacitor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com