Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3095D Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 12Page - Texas Instruments THS3095D Datasheet HTML 13Page - Texas Instruments THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
0
1
2
3
4
5
6
7
8
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
VS = ±5 V
IIB-
IIB+
IOS
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP
VO = 2 VPP
Gain = 5
RF = 1 kΩ,
RL = 100 Ω,
VS = ±5 V
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1000
RL - Load Resistance - Ω
VS = ±5 V
TA = -40 to 85°C
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
t - Time -
µs
Gain = 5,
RL = 100 Ω,
RF = 1 kΩ,
VS = ±5 V
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
VS = ±5 V
f - Frequency - Hz
PSRR-
PSRR+
CMRR
THS3091
THS3095
SLOS423G – SEPTEMBER 2003 – REVISED OCTOBER 2008........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (±5 V) (continued)
INPUT BIAS AND
QUIESCENT CURRENT
OUTPUT VOLTAGE
OFFSET CURRENT
vs
vs
vs
FREQUENCY
LOAD RESISTANCE
CASE TEMPERATURE
Figure 54.
Figure 55.
Figure 56.
REJECTION RATIO
OVERDRIVE RECOVERY
vs
TIME
FREQUENCY
Figure 57.
Figure 58.
16
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com