Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 8Page - Texas Instruments TPS53321 Datasheet HTML 9Page - Texas Instruments TPS53321 Datasheet HTML 10Page - Texas Instruments TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
When the load is increased, the inductor current is always positive and the zero-crossing comparator does not
send a zero-crossing signal. The converter enters into continuous conduction mode (CCM) when no
zero-crossing is detected for two consecutive PWM pulses. The switching synchronizes to the internal clock and
the switching frequency is fixed.
In high-efficiency (HEF) mode, the operation is the same as DE mode at light load. However, the converter does
not synchronize to the internal clock during CCM. Instead, the PWM modulator determines the switching
frequency.
Eco-mode™ Light-Load Operation
In skip modes (DE and HEF) when the load current is less than one-half of the inductor peak current, the
inductor current becomes negative by the end of off-time. During light load operation, the low-side MOSFET is
turned off when the inductor current reaches zero. The energy delivered to the load per switching cycle is
increased compared to the normal PWM mode operation and the switching frequency is reduced. The switching
loss is reduced, thereby improving efficiency.
In both DE and HEF mode, the switching frequency is reduced in discontinuous conduction mode (DCM). When
the load current is 0 A, the minimum switching frequency is reached. The difference between VVBST and VSW
must be maintained at a value higher than 2.4 V.
Forced Continuous Conduction Mode (FCCM)
When the PS pin is grounded or greater than 2.2 V, the TPS53321 is operating in forced continuous conduction
mode in both light-load and heavy-load conditions. In this mode, the switching frequency remains constant over
the entire load range, making it suitable for applications that need tight control of switching frequency at a cost of
lower efficiency at light load.
Soft-Start
The soft-start function reduces the inrush current during the start up sequence. A slow-rising reference voltage is
generated by the soft-start circuitry and sent to the input of the error amplifier. When the soft-start ramp voltage
is less than 600 mV, the error amplifier uses this ramp voltage as the reference. When the ramp voltage reaches
600 mV, the error amplifier switches to a fixed 600-mV reference. The typical soft-start time is 400 µs.
Power Good
The TPS53321 monitors the voltage on the FB pin. If the FB voltage is between 83% and 117% of the reference
voltage, the power good signal remains high. If the FB voltage falls outside of these limits, the internal open drain
output pulls the power good pin (PGD) low.
During start-up, VIN must be higher than 1 V in order to have valid power good logic, and the power good signal
is delayed for 1.2 ms after the FB voltage falls to within the power good limits. There is also 10-µs delay during
the shut down sequence.
Undervoltage Lockout (UVLO) Protection
The TPS53321 provides undervoltage lockout (UVLO) protection for both power input (VIN) and bias input (VDD)
voltage. If either of them is lower than the UVLO threshold voltage minus the hysteresis, the device shuts off.
When the voltage rises above the threshold voltage, the device restarts. The typical UVLO rising threshold is 2.8
V for both VIN and VVDD. A hysteresis voltage of 130 mV for VIN and 75 mV for VVDD is also provided to prevent
glitch.
Overcurrent Protection
The TPS53321 continuously monitors the current flowing through the high-side and the low-side MOSFETs. If
the current through the high-side FET exceeds 6.5 A, the high-side FET turns off and the low-side FET turns on
until the next PWM cycle. An overcurrent (OC) counter starts to increment each occurrence of an overcurrent
event. The converter shuts down immediately when the OC counter reaches four. The OC counter resets if the
detected current is less 6.5 A after an OC event.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com