Electronic Components Datasheet Search
  English  ▼

X  

TMS4703 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMS4703
Description  TRENTON 4U MIL-STD MIL ITARY COMPUTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMS4703 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMS4703 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMS4703 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright ©2009 by TRENTON Technology Inc.
All rights reserved
MIL-STD-810 Military Computer
TMS4703
: TMS4703
SYSTEM MODEL
DESCRIPTION
4U rackmount MIL-STD-810G/MIL-STD-461F computer featuring a choice of single or dual-processor SBC and backplane with extended PCI Express and
PCI-X/PCI option card support, one internal and four front access drive bays, MIL-STD connectors, and a choice of one or two AC or DC power supplies
FEATURES
·
·
·
·
·
·
·
·
Designed to fit a wide variety of mission requirements
Rugged yet lightweight corrosive-resistant aluminum chassis
Backplane options support a wide variety of plug-in PCI Express and
PCI-X/PCI option cards plus single or two-in-one system configurations
Expansive data storage capability with up to ten HDD or SDDs
Flexible power supply options for single or redundant AC or DC inputs
1
MIL-STD-810G certifications for a wide variety of harsh environments
1
MIL-STD-461F certifications for EMI/RFI emissions
Long-life, single board computer and processor options support long-
term project schedules and extended system deployments in the field
TRENTON 4U MIL-STD MILITARY COMPUTER
TMS4703
The Trenton Systems TMS4703 is a 4U rackmount military computer with flexible MIL-DTL-38999 and MIL-STD-1553 rear I/O connector configurations designed for specific, customer-defined
applications. These sealed connectors plus front and rear-panel air filters enable TMS4703 certification to various MIL-STD-810G and MIL-STD-461F standards and test methods. The
rugged yet lightweight aluminum chassis with a corrosive-resistant coating applied to both the chassis and fastening hardware.
The system supports up to ten 2.5” HDDs or SSDs mounted in front-access carriers and internal drive bays. Other
system options include the choice of one or two, 115/230VAC or 18-36VDC power supplies. Additional system configuration options are available, contact Trenton for more information.
TMS4703
utilizes a
The wide variety of backplane and single board
computer options available with the TMS4703 maximizes application agility and performance, while utilizing standard COTS long-life components to support long project life-cycles and extended
system deployments. This fully designed and built in the U.S. rackmount computer enables extended PCI Express and PCI-X/PCI option card support in military computing applications.
®
®
Single board computer options for the TMS4703 include the dual-processor Trenton BXT7059 featuring multi-core Intel Xeon processors. This high-performance SBC employs long-life
embedded processors to maximize system performance & configuration stability.
TMS4703 OVERVIEW:
Trenton TMS4703 Military Computer
Shown with a 14-slot backplane and a dual-processor SBC
2
TMS4703 SYSTEM LAYOUT - SINGLE SYSTEM CONFIGURATION with ONE 14-SLOT BACKPLANE AND SINGLE BOARD COMPUTER :
TRENTON Systems Inc. 2350 Centennial Drive, Gainesville, Georgia 30504 Sales: (800) 875-6031 Phone: (770) 287-3100 Fax: (770) 287-3150
E-mail: Sales@TrentonSystems.com Web: www.TrentonSystems.com
Side View
Top View (without card hold-down bar & single system configuration)
Front View (with chassis door open)
19.00” (48.26cm)
4.00
(10.12)
18.50” (46.99cm)
17.00” (43.18cm)
Rear View
(Customer-defined configuration with 6, MIL-DTL-38999 & 8, MIL-STD-1553 connectors)
6.84”
(17.37cm)
26.00”
(66.04cm)
7.00”
(17.78cm)
x4
PCIe1
PCIe
Expansion
x4
PCIe2
x4
PCIe3
x16
PCIe4
x4
PCIe5
x16
PCIe6
x4
PCIe7
x16
PCIe8
x4
PCIe9
x16
PCIe10
SHB Slot
14-Slot PICMG 1.3
Backplane
(Trenton BPG7087)
Front Access
Drives
Internal
Drives
Fan Control Bd.
P/S
Connector Cable Area
Line
Filter


Similar Part No. - TMS4703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470MF03107 TI1-TMS470MF03107 Datasheet
536Kb / 67P
TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470MF03107 TI1-TMS470MF03107 Datasheet
531Kb / 68P
TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470MF03107 TI2-TMS470MF03107 Datasheet
602Kb / 69P
TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
JANUARY 2012
TMS470MF04207 TI1-TMS470MF04207 Datasheet
531Kb / 68P
TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
TMS470MF04207 TI2-TMS470MF04207 Datasheet
602Kb / 69P
TMS470MF04207/TMS470MF03107 16/32-Bit RISC Flash Microcontroller
JANUARY 2012
More results

Similar Description - TMS4703

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MAS281 DYNEX-MAS281 Datasheet
551Kb / 55P
MIL-STD-1750A Microprocessor
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
logo
Honeywell Solid State E...
HX1750 HONEYWELL-HX1750 Datasheet
187Kb / 2P
MIL-STD-1750A MICROPROCESSOR
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
MIL-STD-704 compliant
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
MIL-STD-1553 Transformers
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com