Electronic Components Datasheet Search
  English  ▼

X  

119.SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 119.SA
Description  General Purpose Tweezers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

119.SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  119.SA Datasheet HTML 1Page - List of Unclassifed Manufacturers 119.SA Datasheet HTML 2Page - List of Unclassifed Manufacturers 119.SA Datasheet HTML 3Page - List of Unclassifed Manufacturers 119.SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18 - SMD Tweezers
SM100.SA
SM101.SA
SM103.SA
SM105.SA
SM107.SA
SM102.SA
SM104.SA
SM106.SA
4 1/2'' 115mm
reverse action for handling PCBs with SMDs
4 1/2'' 115mm
reverse action. for soldering and de-soldering
8,14 or 16 Lead SMDs
4 1/2'' 115mm
reverse action. for soldering and de-soldering 20,28,44 and
68 LCCC and PLCC pad devices
4 1/2'' 115mm
for handling and positioning 2 and 3 lead SOT
packages at 45° angle
4 3/4'' 120mm
for handling and positioning 3 lead SOT packages,
monolithic chip capacitors, etc.
4 3/4'' 120mm
special design for positioning all SOT packages vertically
4 3/4'' 120mm
for positioning all SOT packages horizontally.
With flat base tips (4 mm long)
4 3/4'' 120mm
for positioning all flat devices at 60° angle.
RR.SA
RR.NP
5 3/4'' 145mm
heavy duty tweezers strong tips, rounded edges
Smooth handling and positioning of all SMD components. Different tips and angles for specific jobs. Satin
antiglare finish and ergonomic design. Modifications or special models available on request. Available as
reverse action model.
SMD Tweezers
D.NP
3 3/4'' 95mm
cutting nickel plated tweezers rounded edges
3•GenPurpose_SMD
15.9.2005
13:26
Page 18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com