Electronic Components Datasheet Search
  English  ▼

X  

XC8107 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC8107
Description  85m廓 High Function Power Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8107 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC8107_13 Datasheet HTML 17Page - Torex Semiconductor XC8107_13 Datasheet HTML 18Page - Torex Semiconductor XC8107_13 Datasheet HTML 19Page - Torex Semiconductor XC8107_13 Datasheet HTML 20Page - Torex Semiconductor XC8107_13 Datasheet HTML 21Page - Torex Semiconductor XC8107_13 Datasheet HTML 22Page - Torex Semiconductor XC8107_13 Datasheet HTML 23Page - Torex Semiconductor XC8107_13 Datasheet HTML 24Page - Torex Semiconductor XC8107_13 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
XC8107
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(42) Short Applied
(43) Current Limit adapted time
XC8107xx10xR
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [2μs/div]
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
In Rush Current
V
IN=5.0V, Ta=25℃
C
L=open
Output Voltage
V
OUT = Short circuit to Vss
XC8107xx10xR
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Peak Limit Current [A]
V
IN=5.0V, Ta=25℃
C
L=open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com