Electronic Components Datasheet Search
  English  ▼

X  

648.SA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 648.SA
Description  General Purpose Tweezers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

648.SA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  648.SA Datasheet HTML 1Page - List of Unclassifed Manufacturers 648.SA Datasheet HTML 2Page - List of Unclassifed Manufacturers 648.SA Datasheet HTML 3Page - List of Unclassifed Manufacturers 648.SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16 - General Purpose Tweezers
120A.SA
119.SA
6'' 150mm
fine tips, serrated tips and grips
6'' 150mm
as 119, strong, serrated tips and grips
119A.SA
121.SA
122.SA
124.SA
321.SA
121M.SA
123.SA
231.SA
4 1/4'' 110mm
fine, strong serrated tips and grips
6 1/4'' 160mm
very strong, blunt serrated tips and grips
6 1/4'' 160mm
as 120, thin serrated tips and serrated grips
6'' 150mm
fine, bent serrated tips and grips
6'' 150mm
Fine, double bent serrated tips and grips
6'' 150mm
as 122, strong serrated tips and serrated grips
4 3/4'' 120mm
fine, serrated tips
4 3/4'' 120mm
flat rounded tips
PTFE coated
Handcrafted to perfect tip symmetry and balance, polished edges, superior no-scratch/antiglare satin finish
The right tweezers and material for a successful application.
General Purpose Tweezers
3•GenPurpose_SMD
16.9.2005
14:50
Page 16


Similar Part No. - 648.SA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
648 LITTELFUSE-648 Datasheet
113Kb / 1P
MINIATURE FUSEHOLDERS
648 LITTELFUSE-648 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
AG Electronica
648-0402211-A01 AGELECTRONICA-648-0402211-A01 Datasheet
234Kb / 1P
ADAPTADOR DE ENCAPSULADO TSOP40 A DIP40
01/03/2021
logo
Enable Engineering Co.,...
648-589 UNBRANDED-648-589 Datasheet
21Kb / 1P
Mouse Mats
648-590 UNBRANDED-648-590 Datasheet
21Kb / 1P
Mouse Mats
More results

Similar Description - 648.SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
Long Tweezers With Serrated Pattern Tips
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com