Electronic Components Datasheet Search
  English  ▼

X  

AD9961BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9961BCPZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9961BCPZ Datasheet HTML 39Page - Analog Devices AD9961BCPZ Datasheet HTML 40Page - Analog Devices AD9961BCPZ Datasheet HTML 41Page - Analog Devices AD9961BCPZ Datasheet HTML 42Page - Analog Devices AD9961BCPZ Datasheet HTML 43Page - Analog Devices AD9961BCPZ Datasheet HTML 44Page - Analog Devices AD9961BCPZ Datasheet HTML 45Page - Analog Devices AD9961BCPZ Datasheet HTML 46Page - Analog Devices AD9961BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 43 of 60
RL
TXIP
TXIN
AD9961/AD9963
RL
+
–
VOUT
R
TXCML
C
RCML
65
66
62
Figure 60. Circuit for Setting TXCML Level Using RCML
Transmit DAC Output Circuit Configurations
The following section illustrates some typical output configu-
rations for the AD9961/AD9963 transmit DACs. Unless
otherwise noted, it is assumed that IOUTFS is set to a nominal
2.0 mA. For applications requiring the optimum dynamic
performance, a differential output configuration is suggested.
A differential output configuration can consist of either an RF
transformer or a differential op amp configuration. The trans-
former configuration provides the optimum high frequency
performance and is recommended for any application that
allows ac coupling. The differential op amp configuration is
suitable for applications requiring dc coupling, signal gain,
and/or a low output impedance.
A single-ended output is suitable for applications where low
cost and low power consumption are primary concerns.
Differential Coupling Using a Transformer
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in Figure 61. The
distortion performance of a transformer typically exceeds
that available from standard op amps, particularly at higher
frequencies. Transformer coupling provides excellent rejection
of common-mode distortion (that is, even-order harmonics)
over a wide frequency range. It also provides electrical isolation
and can deliver voltage gain without adding noise. Transformers
with different impedance ratios can also be used for impedance
matching purposes. The main disadvantages of transformer
coupling are low frequency roll-off, lack-of-power gain, and
high output impedance.
TXIP
TXIN
OPTIONAL RDIFF
AD9961/AD9963
65
66
RLOAD
Figure 61. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to a voltage that keeps the voltages on TXIP and
TXIN within the output common-mode voltage range of the
device. Note that the dc component of the DAC output current
is equal to IOUTFS and flows out of both TXIP and TXIN. The
center tap of the transformer should provide a path for this dc
current. In most applications, AGND provides the most conve-
nient voltage for the transformer center tap. The complementary
voltages appearing at TXIP and TXIN (that is, VIOUTP and
VIOUTN) swing symmetrically around AGND and should be
maintained with the specified output compliance range of the
AD9961/AD9963.
A differential resistor, RDIFF, can be inserted in applications
where the output of the transformer is connected to the load,
RLOAD, via a passive reconstruction filter or cable. RDIFF, as
reflected by the transformer, is chosen to provide a source
termination that results in a low voltage standing wave ratio
(VSWR). Note that approximately half the signal power is
dissipated across RDIFF.
Differential Buffered Output Using an Op Amp
A dual op amp (see the circuit shown in Figure 62) can be used
in a differential version of the single-ended buffer shown in
Figure 63. The same R-C network is used to form a one-pole,
differential, low-pass filter to isolate the op amp inputs from
the high frequency images produced by the DAC outputs.
The feedback resistor, RFB, determines the differential peak-
to-peak signal swing by the formula
VOUT = 2 × RFB × IFS
The minimum single-ended voltages out of the amplifier are,
respectively,
VMIN = VMAX − RFB × IFS
The common-mode voltage of the differential output is
determined by the formula
VCM = VMAX − RFB × IFS
AD9961/AD9963
TXIP
TXIN
RFB
VOUT
REFIO 63
65
TXGND 64
CF
C
RS
RS
RB
RFB
CF
RB
66
ADA4841-2
+
–
ADA4841-2
Figure 62. Single-Supply Differential Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com