Electronic Components Datasheet Search
  English  ▼

X  

AD-DPGIOZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD-DPGIOZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-DPGIOZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD-DPGIOZ Datasheet HTML 46Page - Analog Devices AD-DPGIOZ Datasheet HTML 47Page - Analog Devices AD-DPGIOZ Datasheet HTML 48Page - Analog Devices AD-DPGIOZ Datasheet HTML 49Page - Analog Devices AD-DPGIOZ Datasheet HTML 50Page - Analog Devices AD-DPGIOZ Datasheet HTML 51Page - Analog Devices AD-DPGIOZ Datasheet HTML 52Page - Analog Devices AD-DPGIOZ Datasheet HTML 53Page - Analog Devices AD-DPGIOZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 50 of 60
The Tx port has an optional double data rate (DDR) clock
mode. In DDR mode, the transmit data is latched on both the
rising and falling edges of TXCLK. The polarity of the edge
identifies to which channel the input data is intended. In this
mode, the TXIQ signal is not required.
The interleaved digital data for the I and Q DACs is accepted by
the Tx bus (TXD([11:0]). The data must be presented to the
device such that it is stable throughout the setup and hold
times, tS and tH, around both the rising and falling edges of the
TXCLK signal. A detailed timing diagram is shown in Figure 81.
TXD[11:0]
TXCLK
tSU
tHD
tSU
tHD
Figure 81. Tx Port Timing Diagram (DDR Clock Mode)
In DDR mode, the TXCLK signal is always an input and must
be supplied along with the data. The setup and hold time
requirements for the Tx port in DDR mode are given Table 24
Table 24. Tx Port Setup and Hold Times From −40°C to
+85°C1
Tx Port
Operating Mode
DRVDD = 1.8 V
DRVDD = 3.3 V
tSU
(Min)
tHD
(Min)
tSU
(Min)
tHD
(Min)
Unit
TXCLK_MD = 01
−0.02
+2.60
+0.29
+1.99
ns
TXCLK_MD = 10,
TXDBLSEL = 1
−1.04
+4.24
−0.28
+3.92
ns
TXCLK_MD = 10,
TXDBLSEL = 0
−0.61
+4.76
−0.14
+4.82
ns
1 Specifications are preliminary and subject to change.
The input samples to the device are assembled to create a
quadrature pair of data. The two possible data pairing orders
and two possible data to TXIQ signal phase relationships create
four possible timing modes. The AD9961/AD9963 can be
configured to accept data in any of these four modes. The data
pairing order is controlled by the TX_IFIRST bit. The data to
TXIQ phase relationship is controlled by the TXIQ_HILO bit.
The two programming options produce the four timing
diagrams shown in Figure 82.
I1
I0
Q0
TXCLK
TXD[11 :0]
TXD[11 :0]
TXD[11 :0]
TXD[11 :0]
Q1
I2
Q2
Q1
Q0
I1
I2
Q2
I3
Q1
I0
I1
Q2
I2
Q0
I1
Q1
Q2
I2
Q3
I0
TXIFIRST = 1
TXIQPH = 1
TXIFIRST = 1
TXIQPH = 0
TXIFIRST = 0
TXIQPH = 1
TXIFIRST = 0
TXIQPH = 0
Figure 82. Transmit Path Timing Modes (DDR Mode)
HALF-DUPLEX MODE
The AD9961/AD9963 offer a half-duplex mode enabling a
reduced width digital interface. In half-duplex mode, the
transmit and receive ports are multiplexed onto the TRXD,
TRXIQ, and TRXCLK lines. The direction of the bus can be
controlled by either the TXIQ/TXnRX pin (for the rest of this
section referred to as simply the TXnRX pin) or the serial port
configuration registers.
The operation of the transmit and receive ports in half-duplex
mode is very similar to the way they operate in full-duplex
mode. In half-duplex mode, the interface can be configured to
operate with a single clock pin, or with two clock pins. When in
Rx mode (sourcing data) the TRX port operates the same in
half-duplex mode as it does in full duplex. When in Tx mode,
the TXIQ and TXD[11:0] signals are mapped onto the TRXIQ
and TRXD[11:0] pins respectively. The TXCLK pin is mapped
to the TRXCLK pin in one-clock mode and remains on the
TXCLK pin in two-clock mode. Therefore, in one-clock mode,
the TRXCLK pin carries the RXCLK signal when set in the Rx
direction and the TXCLK signal when set in the Tx direction.
In two-clock mode, the TRX pin carries the RXCLK signal and
the TXCLK pin carries the TXCLK signal regardless of the bus
direction. By default, the clocks sourced by the device are only
present when the corresponding direction of the bus is active.
Setup and hold times for the TRx port are shown in Table 25.
Table 25. TRx Port Setup and Hold Times From −40°C to
+85°C
TRx Port
Operating Mode
DRVDD = 1.8 V
DRVDD = 3.3 V
tSU
(Min)
tHD
(Min)
tSU
(Min)
tHD
(Min)
Units
TXCLK_MD = 01
+0.73
+1.61
+0.44
+1.90
ns
TXCLK_MD = 10,
TXDBLSEL = 1
−1.66
+5.84
−0.96
+4.55
ns
TXCLK_MD = 10,
TXDBLSEL = 0
−1.40
+6.62
−1.15
+5.11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com