Electronic Components Datasheet Search
  English  ▼

X  

RFFC5071SB Datasheet(PDF) 18 Page - RF Micro Devices

Part # RFFC5071SB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5071SB Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RFFC5071SB Datasheet HTML 12Page - RF Micro Devices RFFC5071SB Datasheet HTML 13Page - RF Micro Devices RFFC5071SB Datasheet HTML 14Page - RF Micro Devices RFFC5071SB Datasheet HTML 15Page - RF Micro Devices RFFC5071SB Datasheet HTML 16Page - RF Micro Devices RFFC5071SB Datasheet HTML 17Page - RF Micro Devices RFFC5071SB Datasheet HTML 18Page - RF Micro Devices RFFC5071SB Datasheet HTML 19Page - RF Micro Devices RFFC5071SB Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18 of 20
RFFC5071/5072
Proposed
Prelim DS101020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Programming Information
The RFFC5071 and RFFC5072 share a common serial interface and control block. Please refer to the following
documents for further details on programming and control:
Slice2 Register Map and Programming Guide
Slice2 Mixer Programming Guide
These documents are available for download from the RFMD web-site following the link below:
http://rfmd.com/products/IntSynthMixer/
Evaluation Boards
The evaluation boards for the RFFC5071 and RFFC5072 are provided as part of a design kit, along with the
necessary cables and programming software tool to enable full evaluation of the device. The standard evaluation
boards are configured with 3.7GHz ceramic baluns on the RF ports, and wideband transformers on the IF
ports.The design kits can be ordered from www.rfmd.com or from local RFMD sales offices and authorized sales
channels. For ordering codes please refer to page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com