Electronic Components Datasheet Search
  English  ▼

X  

RFPA2189 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA2189
Description  GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2189 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA2189 Datasheet HTML 1Page - RF Micro Devices RFPA2189 Datasheet HTML 2Page - RF Micro Devices RFPA2189 Datasheet HTML 3Page - RF Micro Devices RFPA2189 Datasheet HTML 4Page - RF Micro Devices RFPA2189 Datasheet HTML 5Page - RF Micro Devices RFPA2189 Datasheet HTML 6Page - RF Micro Devices RFPA2189 Datasheet HTML 7Page - RF Micro Devices RFPA2189 Datasheet HTML 8Page - RF Micro Devices RFPA2189 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFPA2189
DS110420
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
869MHz to 894MHz Application Circuit
Evaluation Board Bill of Materials (BOM)
869MHz to 894MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB
PA2189410(A)
GaAs HBT Power Amplifier
U1
RFMD
RFPA2189
CAP, 10uF, 20%, 10V, TANT-A
C1
Kemet
T491A106M010AT
CAP, 1000pF, 10%, 50V, X7R, 0603
C4
Panasonic
ECJ-1VB1H102K
CAP, 0.1uF, 10%, 16V, X7R, 0603
C3
Murata Electronics
GRM188R71C104KA01D
CAP, 10pF, 5%, 50V, C0G, 0603
C5
Johanson Technology
500R14N100JV4
CAP, 10pF, 5%, 50V, C0G, 0402
C6
Murata Electronics
GRM1555C1H100JZ01E
CAP, 3.9pF, +/-0.25pF, 50V, C0G, 0402
C7
Murata Electronics
GRM1555C1H3R9CZ01E
CAP, 56pF, 5%, 50V, C0G, 0402
C8
Murata Electronics
GRM1555C1H560JZ01D
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1, J2
Emerson Networks
142-0741-851
IND, 24nH, 5%, W/W, 0603
L1
Coilcraft, Inc.
0603HC-24NXJLW
IND, 56nH, 5%, M/L, 0402
L2
TOKO
LL1005-FHL56NJ
IND, 3.3nH, +/- 0.3nH, M/L, 0603
L3
TOKO
LL1608-FSL3N3S
IND, 2.2nH, +/-0.3nH, M/L, 0603
L4
TOKO
LL1608-FSL2N2S
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P1
ITW Pancon
MPSS100-2-C
RES, 160
, 5%, 1/16W, 0402
R2
Kamaya, Inc
RMC1/16S-161JTH
RES, 2K, 5%, 1/16W, 0402
R3
Panasonic
ERJ-2GEJ202
RES, 3.9K, 5%, 1/16W, 0402
R4
Panasonic
ERJ-2GEJ392
DNP
R1, C2, J3, J4
J1
RFIN
J2
RFOUT
L2
56nH
C1
10uF
C5
10pF
L1
24nH
1
2
P1
HDR_1X2
C4
1000pF
VCC
GND
VCC
R2
160 Ω
GND
4
RFIN
2
RFOUT
3
U1
C3
0.1uF
L3
3.3nH
R3
2K Ω
C6
10pF
L4
2.2nH
C7
3.9pF
C8
56pF
R4
3.9KΩ
GND
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com