Electronic Components Datasheet Search
  English  ▼

X  

RFPA2189SR Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA2189SR
Description  GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2189SR Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA2189SR Datasheet HTML 3Page - RF Micro Devices RFPA2189SR Datasheet HTML 4Page - RF Micro Devices RFPA2189SR Datasheet HTML 5Page - RF Micro Devices RFPA2189SR Datasheet HTML 6Page - RF Micro Devices RFPA2189SR Datasheet HTML 7Page - RF Micro Devices RFPA2189SR Datasheet HTML 8Page - RF Micro Devices RFPA2189SR Datasheet HTML 9Page - RF Micro Devices RFPA2189SR Datasheet HTML 10Page - RF Micro Devices RFPA2189SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11 of 11
RFPA2189
DS110420
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Names and Description
Package Marking
Package Drawing
Dimensions in millimeters [inches]
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1RF IN
RF Input. External DC Block is Required.
2GND
DC and RF Ground
3RF OUT/VCC
RF Output, Device Collector
4GND
DC and RF Ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF perfor-
mance.
1
2
3
4
PA2189
Trace Code
Trace Code to be assigned
by the assembly SubCon.
0.06 [1.50]
0.02 [0.40]
0.06 [1.60]
0.06 [1.65]
0.02 [0.47]
0.10 [2.50]
0.18 [4.50]
0.02 [0.42]
0.12 [3.00]
0.04 [1.04]
0.02 [0.40]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com