Electronic Components Datasheet Search
  English  ▼

X  

AFE031 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE031
Description  Powerline Communications Analog Front-End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE031 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE031 Datasheet HTML 28Page - Texas Instruments AFE031 Datasheet HTML 29Page - Texas Instruments AFE031 Datasheet HTML 30Page - Texas Instruments AFE031 Datasheet HTML 31Page - Texas Instruments AFE031 Datasheet HTML 32Page - Texas Instruments AFE031 Datasheet HTML 33Page - Texas Instruments AFE031 Datasheet HTML 34Page - Texas Instruments AFE031 Datasheet HTML 35Page - Texas Instruments AFE031 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
0.0
3.3
Time (5 ms/div)
0
50
100
350
0
-350
+
120 VAC
to 240 VAC
50/60 Hz
PS2505-1A Opto Isolator
or equivalent
AVDD
3.3 V
ZC
IN
ZC
OUT
AV
DD
AGND
Zero
Crossing
Inside the AFE031
AFE031
SBOS531D – AUGUST 2010 – REVISED MAY 2012
www.ti.com
For maximum protection of the AFE031 against line transients, it is recommended to use Schottky diodes as
indicated in Figure 38. These diodes should limit the ZC_IN pins (pins 38 and 39) to within the maximum rating
of (AVDD + 0.4 V) and (AGND – 0.4 V). Some applications may require an isolated zero crossing detection circuit.
With a minimal amount of components, the AFE031 can be configured for isolated zero crossing detection, as
Figure 40 shows.
Figure 40. Isolated Zero Crossing Detection Using the AFE031
Isolated zero crossing waveforms are shown in Figure 41.
Figure 41. Isolated Zero Crossing Waveforms
32
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com