Electronic Components Datasheet Search
  English  ▼

X  

TSV994IPT Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # TSV994IPT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV994IPT Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TSV994IPT Datasheet HTML 13Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 14Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 15Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 16Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 17Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 18Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 19Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 20Page - List of Unclassifed Manufacturers TSV994IPT Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TSV99x, TSV99xA
Package information
Doc ID 12833 Rev 9
17/25
Figure 19.
DFN8 2x2 footprint recommendation
Table 7.
DFN8 2x2 package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1.
Values in inches are rounded to three decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0.05
0.002
A3
0.15
0.006
b
0.18
0.25
0.30
0.007
0.010
0.012
D
1.85
2.00
2.15
0.073
0.079
0.085
D2
1.45
1.60
1.70
0.057
0.063
0.067
E
1.85
2.00
2.15
0.073
0.079
0.085
E2
0.75
0.90
1.00
0.030
0.035
0.039
e
0.50
0.020
L0.50
0.020
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com