Electronic Components Datasheet Search
  English  ▼

X  

TSV994ID Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TSV994ID
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV994ID Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TSV994ID Datasheet HTML 17Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 18Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 19Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 20Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 21Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 22Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 23Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 24Page - List of Unclassifed Manufacturers TSV994ID Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TSV99x, TSV99xA
Package information
Doc ID 12833 Rev 9
21/25
4.6
SO-14 package information
Figure 23.
SO-14 package mechanical drawing
Table 11.
SO-14 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.05
0.068
A1
0.10
0.25
0.004
0.009
A2
1.10
1.65
0.04
0.06
B
0.33
0.51
0.01
0.02
C
0.19
0.25
0.007
0.009
D
8.55
8.75
0.33
0.34
E
3.80
4.0
0.15
0.15
e1.27
0.05
H
5.80
6.20
0.22
0.24
h
0.25
0.50
0.009
0.02
L
0.40
1.27
0.015
0.05
k
8° (max.)
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com