Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 65Page - Texas Instruments AM3892 Datasheet HTML 66Page - Texas Instruments AM3892 Datasheet HTML 67Page - Texas Instruments AM3892 Datasheet HTML 68Page - Texas Instruments AM3892 Datasheet HTML 69Page - Texas Instruments AM3892 Datasheet HTML 70Page - Texas Instruments AM3892 Datasheet HTML 71Page - Texas Instruments AM3892 Datasheet HTML 72Page - Texas Instruments AM3892 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 308 page
background image
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
Table 3-10. McASP1 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
PULL: IPD / IPD
-
MCA[1]_ACLKR
AK36
I/O
DRIVE: Z / Z
McASP1 Receive Bit Clock I/O
PINCTRL139
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AHCLKR
AL37
I/O
DRIVE: Z / Z
McASP1 Receive High-Frequency Master Clock I/O
PINCTRL140
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AFSR
AK35
I/O
DRIVE: Z / Z
McASP1 Receive Frame Sync I/O
PINCTRL141
DVDD_3P3
GP0[6]/
PULL: IPD / IPD
GP0, GPMC
MCA[1]_AMUTEIN/
G5
I
DRIVE: Z / Z
McASP1 Mute Input
PINCTRL297
GPMC_A[23]
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_ACLKX
AL36
I/O
DRIVE: Z / Z
McASP1 Transmit Bit Clock I/O
PINCTRL142
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AHCLKX
AM37
I/O
DRIVE: Z / Z
McASP1 Transmit High-Frequency Master Clock I/O
PINCTRL143
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AFSX
AK34
I/O
DRIVE: Z / Z
McASP1 Transmit Frame Sync I/O
PINCTRL144
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AMUTE
AK33
O
DRIVE: Z / Z
McASP1 Mute Output
PINCTRL145
DVDD_3P3
PULL: IPD / IPD
-
MCA[1]_AXR[1]
AK32
I/O
DRIVE: Z / Z
PINCTRL147
DVDD_3P3
McASP1 Transmit/Receive Data I/Os
PULL: IPD / IPD
-
MCA[1]_AXR[0]
AL33
I/O
DRIVE: Z / Z
PINCTRL146
DVDD_3P3
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PULL: A / B, where:
A is the state of the internal pull resistor during POR reset
B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset
IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled
DRIVE: A / B, where;
A is the driving state of the pin during POR reset
B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset
H = Driving High, L = Driving Low, Z = 3-State
For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see
Section 4.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal.
Copyright © 2010–2012, Texas Instruments Incorporated
Device Pins
69
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com