Electronic Components Datasheet Search
  English  ▼

X  

TLV5613 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5613
Description  2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5613 Datasheet(HTML) 3 Page - Texas Instruments

  TLV5613 Datasheet HTML 1Page - Texas Instruments TLV5613 Datasheet HTML 2Page - Texas Instruments TLV5613 Datasheet HTML 3Page - Texas Instruments TLV5613 Datasheet HTML 4Page - Texas Instruments TLV5613 Datasheet HTML 5Page - Texas Instruments TLV5613 Datasheet HTML 6Page - Texas Instruments TLV5613 Datasheet HTML 7Page - Texas Instruments TLV5613 Datasheet HTML 8Page - Texas Instruments TLV5613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLV5613
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER
WITH POWER DOWN
SLAS174B – DECEMBER 1997 – REVISED NOVEMBER 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage (DVDD, AVDD to GND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage difference, AVDD to DVDD
– 2.8 V to 2.8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range to GND
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV5613C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV5613I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VDD
5-V Supply
4.5
5
5.5
V
Supply voltage, VDD
3-V Supply
2.7
3
3.3
V
Supply voltage difference,
∆VDD = AVDD – DVDD
–2.8
0
2.8
V
Power on reset, POR
0.55
2
V
High-level digital input voltage, VIH
DVDD = 2.7 V to 5.5 V
2
V
Low-level digital input voltage, VIL
DVDD = 2.7 V to 5.5 V
0.8
V
Reference voltage V f to REFIN terminal
5-V Supply (see Note 1)
GND
2.048
AVDD – 1.5
V
Reference voltage, Vref to REFIN terminal
3-V Supply (see Note 1)
GND
1.024
AVDD – 1.5
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
Operating free air temperature TA
TLV5613C
0
70
°C
Operating free-air temperature, TA
TLV5613I
– 40
85
°C
NOTE 1: Due to the x2 output buffer, a reference input voltage
≥ (VDD – 0.4)/2 causes clipping of the transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com