Electronic Components Datasheet Search
  English  ▼

X  

DF04S Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DF04S
Description  4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DF04S Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DF04S Datasheet HTML 1Page - Delta Electronics, Inc. DF04S Datasheet HTML 2Page - Delta Electronics, Inc. DF04S Datasheet HTML 3Page - Delta Electronics, Inc. DF04S Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS_DF04S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
4.5
6
8.5
Start-Up Voltage
48V Input Models
8.5
12
17
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
1000
2000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±0.5
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±0.5
%
Load Regulation
Io=10% to 100%
---
±0.3
±1.0
%
Ripple & Noise (20MHz)
---
50
75
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
100
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
150
500
uS
Transient Response Deviation
25% Load Step Change
---
±2
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
Foldback
120
TBD
---
%
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
380
500
pF
Switching Frequency
---
350
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate), IEC/EN 60950-1
Recommended Input Fuse
24V Input Models
48V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
Environmental Characteristics
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range
(with Derating)
Ambient
-40
+85
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature
(1.5mm from case for 10Sec.)
---
260
℃
P2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com