Electronic Components Datasheet Search
  English  ▼

X  

AD5520 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5520 Datasheet HTML 5Page - Analog Devices AD5520 Datasheet HTML 6Page - Analog Devices AD5520 Datasheet HTML 7Page - Analog Devices AD5520 Datasheet HTML 8Page - Analog Devices AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5520
Rev. B | Page 9 of 24
Pin No.
Mnemonic
Description
23
FSEL
Logic Input. Force mode select. Used to select between current or voltage force operation. See the
Force Voltage or Force Current section.
24
MSEL
Logic Input. Measure mode select. Used to connect MEASOUT to either MEASIOUT when high or MEASVOUT
when low.
25
CPSEL
Logic Input. Comparator select. Used to compare CPL, CPH to MEASVOUT when low, or to MEASIOUT when
high. See the Comparator Function and Strobing section.
26
AVEE
Most Negative Supply Voltage.
27
AVCC
Most Positive Supply Voltage.
28
AGND
MEASx Input Ground.
29
AVEE_G
Most Negative Supply Voltage.
30
GUARD
Guard Output.
31
NC
No Connect.
32
GUARDIN
Guard Input.
33
AVCC_G
Most Positive Supply Voltage.
34
MEASVL
DUT Voltage Sense Inputs (Low Sense).
35
GUARD(NC)
No Connect.
36
MEASVH
DUT Voltage Sense Inputs (High Sense).
37
MEASIL
DUT Current Sense Inputs (Low Sense).
38
MEASI0H
DUT Current Sense Inputs (High Sense).
39
FOH0
Force Control Voltage Output.
40
MEASI1H
DUT Current Sense Inputs (High Sense).
41
FOH1
Force Control Voltage Output.
42
MEASI2H
DUT Current Sense Inputs (High Sense).
43
FOH2
Force Control Voltage Output.
44
MEASI3H
DUT Current Sense Inputs (High Sense).
45
FOH3
Force Control Voltage Output.
46
MEASI4H
DUT Current Sense Inputs (High Sense).
47
MEASI5H
DUT Current Sense Inputs (High Sense).
48
AVEE_B
Most Negative Supply Voltage.
49
FOH
External Force Driver Control Voltage Output.
50
AVCC_B
Most Positive Supply Voltage.
51
COMPOUT0
Compensation Capacitor 0 Output.
52
COMPOUT1
Compensation Capacitor 1 Output.
53
COMPOUT2
Compensation Capacitor 2 Output.
54
COMPIN0
Compensation Capacitor 0 Input.
55
COMPIN1
Compensation Capacitor 1 Input.
56
COMPIN2
Compensation Capacitor 2 Input.
57, 59
REFGND
Analog Input/Output Reference Ground.
58
MEASOUT
Multiplexed DUT Voltage/Current Sense Output. See the Measured Parameter section.
60
MEASIOUT
DUT Current Sense Output.
61
MEASVOUT
DUT Voltage Sense Output.
62
FIN
Force Control Voltage Input.
63
CLH
Upper Clamp Voltage Input CLH > CLL.
64
CLL
Lower Clamp Voltage CLL < CLH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com