Electronic Components Datasheet Search
  English  ▼

X  

SSM2142PZ Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2142PZ
Description  Balanced Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2142PZ Datasheet(HTML) 1 Page - Analog Devices

  SSM2142PZ Datasheet HTML 1Page - Analog Devices SSM2142PZ Datasheet HTML 2Page - Analog Devices SSM2142PZ Datasheet HTML 3Page - Analog Devices SSM2142PZ Datasheet HTML 4Page - Analog Devices SSM2142PZ Datasheet HTML 5Page - Analog Devices SSM2142PZ Datasheet HTML 6Page - Analog Devices SSM2142PZ Datasheet HTML 7Page - Analog Devices SSM2142PZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
+OUT FORCE
– OUT FORCE
– OUT SENSE
+OUT SENSE
10k
Ω
10k
Ω
50
Ω
50
Ω
VIN
GND
ALL RESISTORS 30k
Ω
UNLESS OTHERWISE
INDICATED
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Balanced Line Driver
SSM2142
FEATURES
Transformer-Like Balanced Output
Drives 10 V RMS Into a 600
Load
Stable When Driving Large Capacitive Loads and Long
Cables
Low Distortion
0.006% typ 20 Hz–20 kHz, 10 V RMS into 600
High Slew Rate
15 V/ s typ
Low Gain Error
(Differential or Single-Ended); 0.7% typ
Outputs Short-Circuit Protected
Available In Space-Saving 8-Pin Mini-DIP Package
Low Cost
APPLICATIONS
Audio Mix Consoles
Distribution Amplifiers
Graphic and Parametric Equalizers
Dynamic Range Processors
Digital Effects Processors
Telecommunications Systems
Industrial Instrumentation
Hi-Fi Equipment
GENERAL DESCRIPTION
The SSM2142 is an integrated differential-output buffer
amplifier that converts a single-ended input signal to a balanced
output signal pair with high output drive. By utilizing low noise
thermally matched thin film resistors and high slew rate
amplifiers, the SSM2142 helps maintain the sonic quality of
audio systems by eliminating power line hum, RF interference,
voltage drops, and other externally generated noise commonly
encountered with long audio cable runs. Excellent rejection of
common-mode noise and offset errors is achieved by laser
trimming of the onboard resistors, assuring high gain accuracy.
The carefully designed output stage of the SSM2142 is capable
of driving difficult loads, yielding low distortion performance
despite extremely long cables or loads as low as 600
Ω, and is
stable over a wide range of operating conditions.
Based on a cross-coupled, electronically balanced topology, the
SSM2142 mimics the performance of fully balanced
transformer-based solutions for line driving. However, the
SSM2142 maintains lower distortion and occupies much less
board space than transformers while achieving comparable
common-mode rejection performance with reduced parts count.
The SSM2142 in tandem with the SSM2141 differential
receiver establishes a complete, reliable solution for driving and
receiving audio signals over long cables. The SSM2141 features
an Input Common-Mode Rejection Ratio of 100 dB at 60 Hz.
Specifications demonstrating the performance of this typical
system are included in the data sheet.
REV. C
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1991–2011 Analog Devices, Inc. All rights reserved.


Similar Part No. - SSM2142PZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
More results

Similar Description - SSM2142PZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
Balanced Line Driver
REV.B
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
AUDIO BALANCED LINE DRIVERS
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
Balanced Line Receiver ICs
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
AUDIO BALANCED LINE DRIVERS
logo
Analog Devices
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
AUDIO BALANCED LINE DRIVERS
logo
Analog Devices
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
Texas Instruments
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
Audio-Balanced Line Drivers
logo
E&E Magnetic Products L...
824-00178F EEMAGNETIC-824-00178F Datasheet
145Kb / 2P
350mA balanced DC line current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com