Electronic Components Datasheet Search
  English  ▼

X  

MP380D4 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MP380D4
Description  SOLID-STATE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP380D4 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MP380D4 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 8Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 9Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 10Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 11Page - List of Unclassifed Manufacturers MP380D4 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 8/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
Thermal Ratings
Power Series
Specifications
P Series
MP Series
Dimensional Drawings
Dimensional
Drawings
DC Switching Series
Description
DC60P or
DC60MP
DC200P or
DC200MP
DC60S-3
DC60S-5
Operating
Voltage Range
5-60 VDC
5-200 VDC
5-60 VDC
5-60 VDC
Forward Voltage
Drop
1.5 volts
at 3 amps
1.5 volts
at 1 amp
1.5 volts
at 3 amps
1.5 volts
at 5 amps
Nominal Current
Rating
3 amps
1 amp
3 amps
5 amps
Off-State
Blocking
60 VDC
250 VDC
60 VDC
60 VDC
Signal Pickup
Voltage
3 VDC
32 Volts*
allowed
3 VDC
32 Volts*
allowed
3 VDC
32 Volts
allowed
3 VDC
32 Volts
allowed
Signal Dropout
Voltage
1 VDC
1 VDC
1 VDC
1 VDC
Signal Input
Impedance
1,000 ohms 1,000 ohms 1,000 ohms 1,000 ohms
1 Second Surge
5 amps
2 amps
5 amps
10 amps
Operating Temp.
Range
-40° C to
100° C
-40° C to
100° C
-40° C to
100° C
-40° C to
100° C
Isolation Voltage
4,000 VRMS 4,000 VRMS 4,000 VRMS
4,000 VRMS
Off-state
Leakage
1 mA
maximum
1 mA
maximum
1 mA
maximum
1 mA
maximum
Package Type
P/MP
series
P/MP
series
Power
series
Power
series
Note: *MP series maximum allowed control signal 24 VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com