Electronic Components Datasheet Search
  English  ▼

X  

LTC2607 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2607
Description  LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607 Datasheet(HTML) 4 Page - Linear Technology

  LTC2607 Datasheet HTML 1Page - Linear Technology LTC2607 Datasheet HTML 2Page - Linear Technology LTC2607 Datasheet HTML 3Page - Linear Technology LTC2607 Datasheet HTML 4Page - Linear Technology LTC2607 Datasheet HTML 5Page - Linear Technology LTC2607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc934af
DEMO MANUAL DC934A
parts List
should be less than 2.25mV, corresponding to an output
impedance of 0.15Ω. Output impedance is typically less
than 0.030Ω. (measure DAC voltage at the output pin if
using a voltmeter.)
ZERO SCALE ERROR
SetoneoftheDACstocode0.Themeasuredoutputshould
be less than 9mV and will typically be less than 1mV.
OFFSET ERROR
SetoneoftheDACstocode256.Theoutputvoltageshould
be within 9mV of the correct value, or VREF • 256/65535.
gAIN ERROR
Set one of the DACs to code 65,535. The output voltage
should be within 0.7% of VREF, and will typically be within
0.2%.
DC CROSSTALk
Set one of the DACs to mid-scale. Connect a 250Ω resistor
from the output to VCC or power ground (to sink or source
10mA, respectively, when the 5V reference is being used.)
The other output should not change by more than 3.5μV
per milliamp of load current.
experiments
ITEM QTy REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
6
C1, C2, C4, C5, C6, C11
CAP., X5R, 1µF 10V, 0402
TDK, C1005X5R1A105MT
2
4
C3, C7, C8, C12
CAP., X7R, 0.1µF 16V, 0402
TDK, C1005X7R1C104MT
3
2
C9, C10
CAP., NPO, 100pF 50V, 0402
AVX, 04025A101JAT
4
9
E1-E9
TESTPOINT, TURRET, 0.064"
MILL-MAX, 2308-2
5
1
JP1
JMP, 2X3, 0.079CC
SAMTEC, TMM-103-02-L-D
6
6
JP2-JP7
JMP, 3 PIN 1 ROW 0.079CC
SAMTEC, TMM-103-02-L-S
7
7
SHUNTS FOR JP1-JP7 PIN 1 AND 2
SHUNT, 0.079" CENTER
SAMTEC, 2SN-BK-G
8
1
J1
HEADER, 2X7 PIN, 0.079CC
MOLEX, 87331-1420
9
3
R1, R2, R3
RES., CHIP 4.99k 1/16W 1%, 0402
AAC, CR05-4991FM
10
3
R4, R6, R9
RES., CHIP 100Ω 1/16W 5%, 0402
VISHAY, CRCW0402101J
11
3
R5, R7, R12
RES., CHIP 7.5k 1/16W 5%, 0402
AAC, CR05-752JM
12
3
R8, R10, R11
RES., CHIP 10k 1/16W 5%, 0402
AAC, CR05-103JM
13
1
U1
I.C., LTC2607CDE, DFN12DE
LINEAR TECH., LTC2607CDE
14
1
U2
I.C., LTC2422CMS, MSOP10
LINEAR TECH., LTC2422CMS
15
1
U3
I.C., LT1790ACS6-5, SOT23-6
LINEAR TECH., LT1790ACS6-5 *
16
1
U4
I.C., LT1790ACS6-4.096, SOT23-6
LINEAR TECH., LT1790ACS6-4.096 **
17
1
U5
I.C., LT1790ACS6-2.5, SOT23-6
LINEAR TECH., LT1790ACS6-2.5
18
1
U6
I.C., 24LC025, TSSOP8
MICROCHIP, 24LC025-I/ST
19
1
U7
I.C., NC7WB66K8X, US8
FAIRCHILD, NC7WB66K8X



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com