Electronic Components Datasheet Search
  English  ▼

X  

DC934A Datasheet(PDF) 13 Page - Linear Technology

Part # DC934A
Description  Linduino One Isolated Arduino-Compatible Demonstration Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC934A Datasheet(HTML) 13 Page - Linear Technology

Back Button DC934A Datasheet HTML 8Page - Linear Technology DC934A Datasheet HTML 9Page - Linear Technology DC934A Datasheet HTML 10Page - Linear Technology DC934A Datasheet HTML 11Page - Linear Technology DC934A Datasheet HTML 12Page - Linear Technology DC934A Datasheet HTML 13Page - Linear Technology DC934A Datasheet HTML 14Page - Linear Technology DC934A Datasheet HTML 15Page - Linear Technology DC934A Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
dc2026afa
DEMO MANUAL DC2026A
parts list
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
41
1
R26
RES., CHIP, 0.20Ω, 1/4W, 5% 0805
PANASONIC, ERJ-S6SJR20V
42
1
R27
RES., CHIP, 107k, 1/16W, 1% 0402
VISHAY, CRCW0402107KFKED
43
1
R28
RES., CHIP, 475k, 1/16W, 1% 0402
VISHAY, CRCW0402475KFKED
44
1
R29
RES., CHIP, 215k, 1/16W, 1% 0402
VISHAY, CRCW0402215KFKED
45
1
R30
RES., CHIP, 316k, 1/16W, 1% 0402
VISHAY, CRCW0402316KFKED
46
1
R31
RES., CHIP, 100Ω, 1/16W, 5% 0603
VISHAY, CRCW0603100RJKEA
47
1
S1
SWITCH, PUSHBUTTON, MINIATURE
WÜRTH, 434 111 025 826
48
1
U1
MODULE, USB TRANSCEIVER, BGA-44
LINEAR TECH., LTM2884CY#PBF
49
1
U2
IC, DC/DC CONVERTER, TSOT-23
LINEAR TECH., LT3461ES6#PBF
50
1
U3
IC, LDO MICROPOWER REGULATOR, 5V, TSOT-23
LINEAR TECH., LT1761ES5-5#PBF
51
1
U4
IC, ANALOG SWITCH, 10-MSOP
FAIRCHILD, FSA2257MUX
52
1
U5
IC, LDO MICROPOWER REGULATOR, 3.3V, TSOT-23
LINEAR TECH., LT1761ES5-3.3#PBF
53
1
U6
IC, IDEAL DIODE, LOW LOSS,TSOT-23
LINEAR TECH., LTC4411ES5#TRMPBF
54
1
U7
IC, MICROCONTROLLER
ATMEL, ATMEGA328P-AU
55
1
U8
IC, LDO MICROPOWER REGULATOR, ADJUSTABLE,
TSOT-23
LINEAR TECH., LT1761ES5-BYP#TRMPBF
56
1
U9
IC, USB UART, 28-SSOP
FTDI, FT232RL-REEL
57
1
U10
IC, STEP-DOWN REGULATOR, MS10
LINEAR TECH., LT3973EMSE#PBF
58
1
Y1
RESONATOR, 16MHz, SMT
MURATA, CSTCE16M0V53-R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com