Electronic Components Datasheet Search
  English  ▼

X  

TPS2012A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012A
Description  POWER-DISTRIBUTION SWITCHES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012A Datasheet(HTML) 2 Page - Texas Instruments

  TPS2012A Datasheet HTML 1Page - Texas Instruments TPS2012A Datasheet HTML 2Page - Texas Instruments TPS2012A Datasheet HTML 3Page - Texas Instruments TPS2012A Datasheet HTML 4Page - Texas Instruments TPS2012A Datasheet HTML 5Page - Texas Instruments TPS2012A Datasheet HTML 6Page - Texas Instruments TPS2012A Datasheet HTML 7Page - Texas Instruments TPS2012A Datasheet HTML 8Page - Texas Instruments TPS2012A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
TPS201xA FUNCTIONAL BLOCK DIAGRAM
TPS2010A, TPS2011A
TPS2012A, TPS2013A
SLVS189C – DECEMBER 1998 – REVISED SEPTEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The TPS201xA devices differ only in short-circuit current threshold. The TPS2010A limits at 0.3-A load, the
TPS2011 at 0.9-A load, the TPS2012A at 1.5-A load, and the TPS2013A at 2.2-A load (see Available Options).
The TPS201xA is available in an 8-pin small-outline integrated-circuit (SOIC) package and in a 14-pin thin-shrink
small-outline package (TSSOP) and operates over a junction temperature range of -40
°C to 125°C.)
AVAILABLE OPTIONS
RECOMMENDED
PACKAGED DEVICES(1)
TYPICAL SHORT-CIRCUIT
MAXIMUM CONTINUOUS
SMALL OUTLINE
TSSOP
TA
ENABLE
CURRENT LIMIT AT 25
°C
LOAD CURRENT
(D)(2)
(PWP)(3)
(A)
(A)
0.2
0.3
TPS2010AD
TPS2010APWPR
0.6
0.9
TPS2011AD
TPS2011APWPR
–40
°C to 85°C
Active low
1
1.5
TPS2012AD
TPS2012APWPR
1.5
2.2
TPS2013AD
TPS2013APWPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2010DR)
(3)
The PWP package is only available left-end taped-and-reeled.
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
D
PWP
EN
4
7
I
Enable input. Logic low turns on power switch.
GND
1
1
I
Ground
IN
2, 3
2–6
I
Input voltage
OUT
5–8
8–14
O
Power-switch output
2
Submit Documentation Feedback
Copyright © 1998–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2010A, TPS2011A TPS2012A, TPS2013A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com