Electronic Components Datasheet Search
  English  ▼

X  

TPS64201 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS64201 Datasheet HTML 17Page - Texas Instruments TPS64201 Datasheet HTML 18Page - Texas Instruments TPS64201 Datasheet HTML 19Page - Texas Instruments TPS64201 Datasheet HTML 20Page - Texas Instruments TPS64201 Datasheet HTML 21Page - Texas Instruments TPS64201 Datasheet HTML 22Page - Texas Instruments TPS64201 Datasheet HTML 23Page - Texas Instruments TPS64201 Datasheet HTML 24Page - Texas Instruments TPS64201 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
21
SW
Wurth 744052006
Si2323DS
MBRM120LT3
EN
GND
FB
VIN
ISENSE
5 V
10
µF
X5R
TPS64203
100
µF/6.3 V
B45294-R1107-M40
1.2 V / 1.2 A
1
2
3
6
5
4
6.2
µH
Figure 25. Application For a 5-V to 1.2-V / 1.2-A Conversion
SW
DO3316P−472
Si5475DC
B320
EN
GND
FB
VIN
ISENSE
5 V
CIN
22
µF
TPS64202
R1
620 k
Ω
R2
360 k
Ω
Cff
4.7 pF
Co
100
mF PosCap
6TPC100M
3.3 V / 3 A
1
2
3
6
5
4
4.7
µH
R(ISENSE) = 20 mΩ
Figure 26. Application For a 5-V to 3.3-V / 3-A Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com