Electronic Components Datasheet Search
  English  ▼

X  

TPS64200DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64200DBVR
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64200DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS64200DBVR Datasheet HTML 3Page - Texas Instruments TPS64200DBVR Datasheet HTML 4Page - Texas Instruments TPS64200DBVR Datasheet HTML 5Page - Texas Instruments TPS64200DBVR Datasheet HTML 6Page - Texas Instruments TPS64200DBVR Datasheet HTML 7Page - Texas Instruments TPS64200DBVR Datasheet HTML 8Page - Texas Instruments TPS64200DBVR Datasheet HTML 9Page - Texas Instruments TPS64200DBVR Datasheet HTML 10Page - Texas Instruments TPS64200DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
7
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
VI = 3.6 V
VI = 4.2 V
VI = 6 V
TA = 25°C,
VO = 3.3 V
VI = 5 V
TPS64200
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − A
0.0001
0.001
0.01
0.1
1
10
Figure 6
Figure 7
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
VI = 3.6 V
VI = 4.2 V
TA = 25°C,
VO = 3.3 V
VI = 5 V
TPS64201
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − A
VI = 6 V
0.0001
0.001
0.01
0.1
1
10
Figure 8
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
VI = 3.6 V
TA = 25°C,
VO = 3.3 V
VI = 5 V
TPS64202
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − A
VI = 6 V
VI = 4.2 V
0.0001
0.001
0.01
0.1
1
10
Figure 9
1.15
1.17
1.19
1.21
1.23
1.25
1.27
1.29
TA = 25°C,
VO = 1.2 V
TPS64203
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − A
VI = 6 V
VI = 5 V
VI = 3.6 V
VI = 2.5 V
VI = 1.8 V
0.0001
0.001
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com