Electronic Components Datasheet Search
  English  ▼

X  

TPS64201DBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64201DBVR
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64201DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS64201DBVR Datasheet HTML 9Page - Texas Instruments TPS64201DBVR Datasheet HTML 10Page - Texas Instruments TPS64201DBVR Datasheet HTML 11Page - Texas Instruments TPS64201DBVR Datasheet HTML 12Page - Texas Instruments TPS64201DBVR Datasheet HTML 13Page - Texas Instruments TPS64201DBVR Datasheet HTML 14Page - Texas Instruments TPS64201DBVR Datasheet HTML 15Page - Texas Instruments TPS64201DBVR Datasheet HTML 16Page - Texas Instruments TPS64201DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
13
For a first approximation use:
L = 10
µH
V(ripple) = 150 mV (verify in the application)
Selecting the Inductor Value
The main parameters when choosing the inductor are current rating and inductance. The inductance mainly
determines the inductor current ripple. The TPS6420x operates with a wide range of inductor values. Values
between 4.7
µH and 47 µH work in most applications. Select an inductor with a current rating exceeding the
limit set by R(ISENSE) or rDS(on). The first step in inductor design is to determine the operating mode of the
TPS64200. The device can either work with minimum-on-time or minimum-off-time, depending on input voltage
and output voltage.
The device works with minimum-on-time if:
V
I *
V
O *
I
O
r
DS(on) *
R
RL
xI
O w
t
off
,min
V
O )
V
SCHOTTKY )
R
RL
I
O
ton,min
with RRL − inductor resistance
(8)
with
L
+ V
Dt
DI
For minimum-on-time:
L
+
V
I
–V
O
–I
O
r
DS(on)
–R
RL
I
O
ton,min
DI
with:
∆I ≤ 0.3 × IO
(9)
For minimum-off-time:
L
+
V
O )
V
SCHOTTKY )
R
RL
I
O
t
off
,min
DI
(10)
Table 1. List of Inductors Tested With the TPS6420x
MANUFACTURER
TYPE
INDUCTANCE
DC RESISTANCE
SATURATION CURRENT
TDK
SLF7032T−100M1R4
10
µH ±20%
53 m
Ω ±20%
1.4 A
TDK
SLF6025−150MR88
15
µH ±20%
85 m
Ω ±20%
0.88 A
Sumida
CDRH6D28−5R0
5
µH
23 m
Ω
2.4 A
Sumida
CDRH103R−100
10
µH
45 m
Ω
2.4 A
Sumida
CDRH4D28−100
10
µH
95 m
Ω
1.0 A
Sumida
CDRH5D18−6R2
6.2
µH
71 m
Ω
1.4 A
Coilcraft
DO3316P−472
4.7
µH
18 m
Ω
5.4 A
Coilcraft
DT3316P−153
15
µH
60 m
Ω
1.8 A
Coilcraft
DT3316P−223
22
µH
84 m
Ω
1.5 A
Wurth
744 052 006
6.2
µH
80 m
Ω
1.45 A
Wurth
74451115
15
µH
90 m
Ω
0.8 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com