Electronic Components Datasheet Search
  English  ▼

X  

10XSD200 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 10XSD200
Description  Dual 10 mOhm High Side Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSD200 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 10XSD200 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 49Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 50Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 51Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 52Page - Freescale Semiconductor, Inc 10XSD200 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
10XSD200
TYPICAL APPLICATIONS
.
Figure 22. Two Channels in Parallel / Recommended External Current Sense Circuit
VDD
GND
MCU
HS0
HS1
VPWR
VDD
CLOCK
FSB
IN0
SCLK
CSB
SI
SO
RSTB
IN1
100 nF
I/O
I/O
SCLK
CS
SI
SO
1.0 k
1.0 k
1.0 k
1.9 k
LOAD
CSNS
A/D
VDD
VDD
VPWR
VDD
22 nF
22 nF
1.0 k
VPWR
100 nF
10 k
FSOB
10 k
VPWR
100 k
M
CONF1
CONF0
direct controls
GND
SYNC
I/O
I/O
1.0 k
10XSD200
1.0 k
1.0 k
75 k
75 k
1.0 k
1.0 µF
470 pF
470 pF speed-up capacitor for SPI frequencies > 4.0 Mhz recommended on pins CS, SCLK, SI, SO
1.0 k
External Control Circuitry
VDD
Voltage regulator
VPWR
10 µF
100 nF
10 µF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com