Electronic Components Datasheet Search
  English  ▼

X  

ECEP2DA682HA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEP2DA682HA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEP2DA682HA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEP2DA682HA Datasheet HTML 1Page - Panasonic Semiconductor ECEP2DA682HA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T-HA Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120 Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
6800
35 x 40
3.60
4.14
0.049
0.037
ECET1JA682EA
2200
40 x 63
3.68
5.15
0.098
0.064
ECET2EA222FA
12000
35 x 50
4.40
5.06
0.028
0.023
ECET1JA123EA
50 x 50
4.35
6.09
0.098
0.064
ECEP2EA222HA
40 x 40
4.52
5.20
0.030
0.026
ECET1JA123FA
2700
35 x 105
4.80
6.72
0.080
0.052
ECET2EA272EA
15000
35 x 63
4.92
5.66
0.024
0.021
ECET1JA153EA
50 x 50
4.80
6.72
0.080
0.052
ECEP2EA272HX
40 x 50
4.80
5.52
0.027
0.023
ECET1JA153FA
50 x 63
4.98
6.97
0.080
0.052
ECEP2EA272HA
18000
35 x 80
5.79
6.66
0.022
0.019
ECET1JA183EA
3300
35 x 105
4.86
6.80
0.065
0.042
ECET2EA332EA
40 x 63
5.39
6.20
0.023
0.020
ECET1JA183FA
40 x 80
4.86
6.80
0.065
0.042
ECET2EA332FA
22000
50 x 50
6.76
7.77
0.019
0.016
ECEP1JA223HA
50 x 63
5.48
7.67
0.065
0.042
ECEP2EA332HA
27000
35 x 105
6.53
7.51
0.017
0.014
ECET1JA273EA
3900
40 x 105
5.61
7.85
0.055
0.036
ECET2EA392FA
40 x 80
6.59
7.58
0.017
0.014
ECET1JA273FA
50 x 80
6.10
8.54
0.055
0.036
ECEP2EA392HA
50 x 63
7.34
8.44
0.017
0.014
ECEP1JA273HA
4300
50 x 92
6.67
9.34
0.050
0.033
ECEP2EA432HA
33000
50 x 80
8.00
9.20
0.015
0.013
ECEP1JA333HA
4700
50 x 92
6.93
9.70
0.046
0.030
ECEP2EA472HX
39000
40 x 105
7.53
8.66
0.014
0.012
ECET1JA393FA
50 x 105
7.03
9.84
0.046
0.030
ECEP2EA472HA
50 x 92
8.48
9.75
0.014
0.012
ECEP1JA393HA
5600
50 x 105
7.67
10.74
0.039
0.025
ECEP2EA562HA
47000
50 x 105
8.99
10.34
0.012
0.010
ECEP1JA473HA
470
35 x 40
2.00
2.80
0.459
0.183
ECET2VA471EA
4700
35 x 40
3.30
3.80
0.049
0.037
ECET1KA472EA
680
35 x 50
2.15
3.01
0.317
0.127
ECET2VA681EA
6800
35 x 50
3.90
4.49
0.041
0.031
ECET1KA682EA
40 x 40
2.30
3.22
0.317
0.127
ECET2VA681FA
40 x 40
3.90
4.49
0.041
0.031
ECET1KA682FA
820
35 x 63
2.65
3.71
0.263
0.105
ECET2VA821EA
8200
35 x 63
4.39
5.05
0.036
0.027
ECET1KA822EA
40 x 50
2.65
3.71
0.263
0.105
ECET2VA821FA
40 x 50
4.29
4.93
0.036
0.027
ECET1KA822FA
1000
50 x 50
3.56
4.98
0.216
0.086
ECEP2VA102HA
10000
35 x 80
4.88
5.61
0.031
0.024
ECET1KA103EA
1200
35 x 80
3.22
4.51
0.180
0.072
ECET2VA122EA
40 x 63
4.73
5.44
0.033
0.025
ECET1KA103FA
40 x 63
3.22
4.51
0.180
0.072
ECET2VA122FA
12000
50 x 50
6.03
6.93
0.035
0.026
ECEP1KA123HA
1500
35 x 105
4.78
6.69
0.144
0.057
ECET2VA152EA
15000
35 x 105
6.13
7.05
0.024
0.018
ECET1KA153EA
40 x 80
3.75
5.25
0.144
0.057
ECET2VA152FA
40 x 80
5.97
6.87
0.025
0.019
ECET1KA153FA
50 x 63
4.16
5.82
0.144
0.057
ECEP2VA152HA
50 x 63
6.65
7.65
0.028
0.021
ECEP1KA153HA
1800
40 x 105
5.23
7.32
0.120
0.048
ECET2VA182FA
18000
50 x 80
7.29
8.38
0.026
0.019
ECEP1KA183HA
50 x 80
5.69
7.97
0.120
0.048
ECEP2VA182HA
22000
40 x 105
6.95
7.99
0.019
0.014
ECET1KA223FA
2000
50 x 92
6.34
8.88
0.108
0.043
ECEP2VA202HA
50 x 92
7.83
9.00
0.022
0.016
ECEP1KA223HA
2200
50 x 105
7.03
9.84
0.098
0.039
ECEP2VA222HA
27000
50 x 105
8.38
9.64
0.018
0.014
ECEP1KA273HA
390
35 x 45
1.55
2.17
0.425
0.170
ECET2GA391EA
3300
35 x 40
3.20
3.68
0.075
0.053
ECET2AA332EA
470
40 x 40
1.75
2.45
0.353
0.141
ECET2GA471FA
4700
35 x 50
3.80
4.37
0.053
0.040
ECET2AA472EA
560
35 x 50
1.80
2.52
0.296
0.118
ECET2GA561EA
40 x 40
3.80
4.37
0.053
0.040
ECET2AA472FA
680
40 x 50
2.17
3.04
0.244
0.098
ECET2GA681FA
5600
35 x 63
4.06
4.67
0.044
0.033
ECET2AA562EA
820
35 x 63
2.44
3.42
0.202
0.081
ECET2GA821EA
6800
40 x 50
4.57
5.26
0.037
0.027
ECET2AA682FA
40 x 50
2.58
3.61
0.202
0.081
ECET2GA821FA
8200
35 x 80
5.15
5.92
0.030
0.023
ECET2AA822EA
50 x 50
3.15
4.41
0.202
0.081
ECEP2GA821HA
40 x 63
5.02
5.77
0.030
0.023
ECET2AA822FA
1000
35 x 80
3.00
4.20
0.166
0.066
ECET2GA102EA
50 x 50
6.14
7.06
0.030
0.023
ECEP2AA822HA
40 x 63
3.00
4.20
0.166
0.066
ECET2GA102FA
10000
35 x 105
6.38
7.34
0.025
0.019
ECET2AA103EA
50 x 50
3.45
4.83
0.166
0.066
ECEP2GA102HA
12000
40 x 80
6.44
7.41
0.021
0.016
ECET2AA123FA
1200
35 x 105
3.75
5.25
0.138
0.055
ECET2GA122EA
50 x 63
7.17
8.25
0.022
0.017
ECEP2AA123HA
40 x 80
3.79
5.31
0.138
0.055
ECET2GA122FA
15000
40 x 105
7.37
8.48
0.017
0.012
ECET2AA153FA
50 x 63
4.22
5.91
0.152
0.061
ECEP2GA122HA
50 x 80
8.01
9.21
0.019
0.014
ECEP2AA153HA
1500
40 x 105
4.81
6.73
0.111
0.044
ECET2GA152FA
18000
50 x 92
8.64
9.94
0.017
0.012
ECEP2AA183HA
50 x 80
5.22
7.31
0.122
0.049
ECEP2GA152HA
22000
50 x 105
9.32
10.72
0.015
0.011
ECEP2AA223HA
1600
50 x 92
5.69
7.97
0.114
0.046
ECEP2GA162HA
1800
40 x 105
5.06
7.08
0.101
0.041
ECET2GA182FA
1200
35 x 40
2.50
3.50
0.133
0.066
ECET2DA122EA
50 x 80
5.50
7.70
0.101
0.041
ECEP2GA182HX
1800
40 x 40
2.70
3.78
0.129
0.077
ECET2DA182FA
50 x 105
6.48
9.07
0.101
0.041
ECEP2GA182HA
2200
35 x 50
2.90
4.06
0.098
0.059
ECET2DA222EA
2200
50 x 92
6.55
9.17
0.082
0.033
ECEP2GA222HA
2700
35 x 63
3.65
5.11
0.080
0.048
ECET2DA272EA
40 x 50
3.55
4.97
0.086
0.052
ECET2DA272FA
330
35 x 40
1.37
1.92
0.502
0.176
ECET2WA331EA
3300
35 x 80
4.52
6.33
0.065
0.039
ECET2DA332EA
470
35 x 50
1.74
2.44
0.353
0.123
ECET2WA471EA
40 x 63
4.40
6.16
0.070
0.042
ECET2DA332FA
40 x 40
1.68
2.35
0.353
0.123
ECET2WA471FA
50 x 50
5.20
7.28
0.075
0.045
ECEP2DA332HA
560
35 x 63
2.15
3.01
0.296
0.104
ECET2WA561EA
3900
50 x 50
5.65
7.91
0.064
0.038
ECEP2DA392HX
40 x 50
2.10
2.94
0.296
0.104
ECET2WA561FA
50 x 63
5.90
8.26
0.064
0.038
ECEP2DA392HA
680
40 x 63
2.50
3.50
0.244
0.085
ECET2WA681FA
4700
35 x 105
5.70
7.98
0.046
0.028
ECET2DA472EA
50 x 50
2.90
4.06
0.244
0.085
ECEP2WA681HA
40 x 80
5.76
8.06
0.049
0.030
ECET2DA472FA
820
35 x 80
2.70
3.78
0.202
0.071
ECET2WA821EA
50 x 63
6.48
9.07
0.053
0.032
ECEP2DA472HX
50 x 50
3.42
4.79
0.222
0.079
ECEP2WA821HX
50 x 80
6.82
9.55
0.053
0.032
ECEP2DA472HA
50 x 63
3.42
4.79
0.222
0.078
ECEP2WA821HA
5600
40 x 105
6.76
9.46
0.041
0.025
ECET2DA562FA
1000
35 x 105
3.47
4.86
0.166
0.058
ECET2WA102EA
50 x 92
7.68
10.75
0.044
0.027
ECEP2DA562HA
40 x 80
3.50
4.90
0.166
0.058
ECET2WA102FA
6800
50 x 92
8.46
11.84
0.034
0.020
ECEP2DA682HX
50 x 63
3.74
5.24
0.172
0.065
ECEP2WA102HA
50 x 105
8.71
12.19
0.034
0.020
ECEP2DA682HA
1200
40 x 105
4.33
6.06
0.138
0.048
ECET2WA122FA
8200
50 x 105
9.56
13.38
0.028
0.016
ECEP2DA822HA
50 x 80
4.70
6.58
0.152
0.053
ECEP2WA122HA
1300
50 x 92
5.18
7.25
0.140
0.049
ECEP2WA132HA
820
35 x 40
2.20
3.08
0.243
0.133
ECET2EA821EA
1500
50 x 105
6.03
8.44
0.122
0.043
ECEP2WA152HA
1200
35 x 50
2.30
3.22
0.180
0.117
ECET2EA122EA
1800
50 x 105
6.23
8.72
0.101
0.036
ECEP2WA182HA
40 x 40
2.66
3.72
0.180
0.117
ECET2EA122FA
1500
35 x 63
2.57
3.60
0.144
0.093
ECET2EA152EA
1800
40 x 50
3.15
4.41
0.120
0.078
ECET2EA182FA
2200
35 x 80
3.75
5.25
0.098
0.064
ECET2EA222EA
400 VDC Working, 450 VDC Surge
100 VDC Working, 125 VDC Surge
80 VDC Working, 100 VDC Surge
200 VDC Working, 250 VDC Surge
250 VDC Working, 300 VDC Surge
Max 105°C R.C. (Arms)
Max 20°C ESR (
Ω
Ω
Ω
Ω)
D x L
D x L
Size (mm)
Max 105°C R.C. (Arms)
350 VDC Working, 400 VDC Surge
63 VDC Working, 79 VDC Surge
Size (mm)
Max 20°C ESR (
Ω
Ω
Ω
Ω)
450 VDC Working, 500 VDC Surge
250 VDC Working, 300 VDC Surge (continued)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com