Electronic Components Datasheet Search
  English  ▼

X  

SG1002 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SG1002
Description  Dual 6.0 m high-side switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SG1002 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SG1002 Datasheet HTML 1Page - Freescale Semiconductor, Inc SG1002 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC06XSD200FS REV 1
This device features a dynamic overcurrent
threshold profile to avoid shutting off due
to inrush current, while still being able to
closely track the load current. Switching the
current of each channel can be sensed with
a programmable sensing ratio. Whenever
communication with the external MCU is
lost, the device enters a fail-safe operation
mode, but remains operational, controllable
and protected.
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing the
automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control and
drive for complete embedded systems.
Product Features and Benefits
Features
Benefits
Two fully protected 6.0 mΩ (@ 25 °C)
high-side switches
Offers an intelligent high-side switch for 36 V industrial
applications
Up to 9.0 A steady state current per channel
Allows decentralized lighting management (autonomous
operations)
Separate bulb and DC motor latched overcurrent
handling
Provides a high number of protective and diagnostic functions
Fail-safe mode when MCU communication is lost
Allowstodrivebulblamps(tungstenfilament),LEDlightsand
DC motors
Sleep mode with minimal supply current
(<10μA@24V)
Guarantees full functional and electrical compatibility between
family members
Parallel output operating mode with improved
switching synchronization
Slew rate control to optimize EMC behavior
Individually programmable internal/external PWM
clock signals
Offers a 16-bit SPI interface for daisy chaining multiple devices
Overcurrent, short-circuit and overtemperature
protection with programmable auto-retry functions
Allows multiple channel and device current sensing with only
one precision resistor
Accurate temperature and current sensing
Open load detection (channel in off and on states)
andLEDapplications(7.0mAtyp.)
Normal operating range: 8.0 to 36 V, extended range:
6.0 to 58 V
3.3 and 5.0 V compatible 16-bit SPI port for device
control, configuration and diagnostics at rates up to
8.0MHz
Documentation
Freescale Document
Number
Title
Description
MC06XSD200
Dual6mΩHigh-SideSwitch
Data sheet
SG1002
Analog, Mixed-Signal and Power Management
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
AN2467
PowerQuadFlatNo-Lead(PQFN)PackageApplicationNote
Application note
AN4473
Compact Thermal Model Application Note
Application note
AN4474
EMC and Fast Transient Pulses Performances Application Note
Application note
AN4515
LifetimeComputationApplicationNote
Application note
AN4516
IBIS Model Application Note
Application note
Development Tools
Part Number
Description
KIT06XS4200EVBE
EvaluationboardfeaturingtheMC06XS4200
FK Suffix (Pb-Free)
24PINPQFN
98ASA00428D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com